Electronic Components Datasheet Search
  English  ▼

X  

IS1678 Datasheet(PDF) 7 Page - Microchip Technology

Part # IS1678
Description  Bluetooth짰 Dual-Mode SoC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1678 Datasheet(HTML) 7 Page - Microchip Technology

Back Button IS1678 Datasheet HTML 3Page - Microchip Technology IS1678 Datasheet HTML 4Page - Microchip Technology IS1678 Datasheet HTML 5Page - Microchip Technology IS1678 Datasheet HTML 6Page - Microchip Technology IS1678 Datasheet HTML 7Page - Microchip Technology IS1678 Datasheet HTML 8Page - Microchip Technology IS1678 Datasheet HTML 9Page - Microchip Technology IS1678 Datasheet HTML 10Page - Microchip Technology IS1678 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001386A-Page 7
IS1678
Table 1-1 provides various pins of the IS1678S/SM.
TABLE 1-1:
PIN DESCRIPTION
Pin
Number
Pin Name
Pin Type
Pin Description
1
NC
NC
No Connection
2
WAKE_UP
DI
Wake up from Sleep mode (active-low)
(internal pull up)
3
PMULDO_O
Power
Power management unit output (1.8V), for measurement purpose
only. Do not connect to external devices
Connect to GND through a 1uF (X5R/X7R) capacitor
4
P0_4
DO
IS1678S/SM State Indicator Pin along with P1_5. Refer Table 2-3
5
P1_5
DO
IS1678S/SM State indicator Pin along with P0_4. Refer Table 2-3
6
P1_6/WP
DO
EEPROM WP (Connected to external EEPROM)
7
P1_2/SCL
DO
I2C SCL to EEPROM
8
P1_3/SDA
DIO
I2C SDA to EEPROM
9
1V8
Power
1.8V input for digital core power
Connect to GND through a 1 uF (X5R/X7R) capacitor
10
VDD_IO
Power
I/O positive supply input (3.3V)
Connect to GND through a 1 uF (X5R/X7R) capacitor
11
P1_7/UART_CTS
DIO
Configurable Control or Indication pin assigned to UART CTS (input)
12
P0_5
DIO
Configurable Control or Indication pin
13
P0_0/UART_RTS
DIO
Configurable Control or Indication pin assigned to UART RTS (out-
put)
14
P2_0
DI
System configuration pin along with P2_4 and EAN pins. It is used to
set the system in one of the three modes:
• Application mode (for normal operation)
• Test mode (to change EEPROM values)
• Write Flash mode (to enter new firmware into the module).
For detailed information, refer Table 2-1.
15
P2_4
DI
System configuration pin along with P2_0 and EAN pins. It is used to
set the system in one of the three modes:
• Application mode (for normal operation)
• Test mode (to change EEPROM values)
• Write Flash mode (to enter new firmware into the module).
For detailed information, refer Table 2-1.
16
EAN
DI
External address-bus negative.
System configuration pin along with P2_0 and P2_4 pins. It is used to
set the system in one of the 3 modes:
• Application mode (for normal operation)
• Test mode (to change EEPROM values)
• Write Flash mode (to enter new firmware into the module).
ROM: Must be pulled high to VDD_IO
FLASH: Must be pulled down with 4.7 Kohm to GND
For detailed information, refer Table 2-1.
17
RST_N
DI
Module Reset (active-low) (internal pull up)
Apply a pulse of at least 63 ns
Connect to GND through a 1 uF (X5R/X7R) capacitor
18
HCI_RXD
DI
UART data input
19
HCI_TXD
DO
UART data output
Legend:
A = Analog
D = Digital
I = Input
O = Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com