Electronic Components Datasheet Search
  English  ▼

X  

IS1871SF Datasheet(PDF) 27 Page - Microchip Technology

Part # IS1871SF
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1871SF Datasheet(HTML) 27 Page - Microchip Technology

Back Button IS1871SF Datasheet HTML 23Page - Microchip Technology IS1871SF Datasheet HTML 24Page - Microchip Technology IS1871SF Datasheet HTML 25Page - Microchip Technology IS1871SF Datasheet HTML 26Page - Microchip Technology IS1871SF Datasheet HTML 27Page - Microchip Technology IS1871SF Datasheet HTML 28Page - Microchip Technology IS1871SF Datasheet HTML 29Page - Microchip Technology IS1871SF Datasheet HTML 30Page - Microchip Technology IS1871SF Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
 2015-2016 Microchip Technology Inc.
DS60001371C-Page 27
IS1870/71
5.0
REFLOW PROFILE AND
STORAGE CONDITION
Figure 5-1 and Figure 5-2 illustrate reflow profiles and
stencil information of the IS1870/71 SoC.
5.1
Stencil of SMT Assembly
Suggestion
5.1.1
STENCIL TYPE & THICKNESS
• Laser cutting
• Stainless steel
• Thickness: 0.5 mm pitch, thickness < 0.15 mm
5.1.2
APERTURE SIZE AND SHAPE FOR
TERMINAL PAD
• Aspect ratio (width/thickness) >1.5
• Aperture shape
- The stencil aperture is designed to match the
pad size on the PCB.
- Oval-shape opening should be used to get
the optimum paste release.
- Rounded corners to minimize clogging.
- Positive taper walls (5
° tapering) with bottom
opening larger than the top.
5.1.3
APERTURE DESIGN FOR THERMAL
PAD
• Small multiple openings should be used instead
of one big opening.
• 60~80% solder paste coverage
• Rounded corners to minimize clogging
• Positive taper walls (5° tapering) with bottom
opening larger than the top
FIGURE 5-1:
REFLOW PROFILE
FIGURE 5-2:
STENCIL TYPE
Do not recommend
Recommend
Recommend
Coverage 91%
Coverage 77%
Coverage 65%
IS1870SF_IS1871SF.book Page 27 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com