Electronic Components Datasheet Search
  English  ▼

X  

IS1871SF Datasheet(PDF) 37 Page - Microchip Technology

Part # IS1871SF
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1871SF Datasheet(HTML) 37 Page - Microchip Technology

Back Button IS1871SF Datasheet HTML 33Page - Microchip Technology IS1871SF Datasheet HTML 34Page - Microchip Technology IS1871SF Datasheet HTML 35Page - Microchip Technology IS1871SF Datasheet HTML 36Page - Microchip Technology IS1871SF Datasheet HTML 37Page - Microchip Technology IS1871SF Datasheet HTML 38Page - Microchip Technology IS1871SF Datasheet HTML 39Page - Microchip Technology IS1871SF Datasheet HTML 40Page - Microchip Technology IS1871SF Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
 2015-2016 Microchip Technology Inc.
DS60001371C-Page 37
IS1870/71
APPENDIX B:
LAYOUT
GUIDELINES
B.1
RF Matching
The RF traces (including Tx, Rx, and antenna path) on
the PCB should match 50Ω impedance. In Figure A-1,
value of L1, L3, C1, C2, and C5 are fixed. The antenna
matching components C6, C7, and L2 should be
adjusted to match the 50Ω 2.4 GHz antenna.
B.2
PMU
The PMU section components, such as VBAT, BK_IN,
BK_O, BK_LX, AVDD, ULPC_O, CLDO_O, VREF
should be kept close to the IS1870/71.
For additional information on PCB design guidelines,
contact your local Microchip sales office. A list of Micro-
chip sales offices is given on the back page of this doc-
ument,.
The L4 and C14 of Buck section, shown in Figure A-1,
should be selected carefully. Capacitor C14 is either
4.7 μF/6.3V, X5R, or X7R type. The inductor L4 need to
be high current (IDC>300mA) and low DCR (<1Ω) type.
B.3
Crystal
The XI 32 MHz crystal specification should be within
the ±10 ppm range, see Figure A-1.
IS1870SF_IS1871SF.book Page 37 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com