Electronic Components Datasheet Search
  English  ▼

X  

HV9989 Datasheet(PDF) 8 Page - Microchip Technology

Part # HV9989
Description  Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9989 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HV9989 Datasheet HTML 4Page - Microchip Technology HV9989 Datasheet HTML 5Page - Microchip Technology HV9989 Datasheet HTML 6Page - Microchip Technology HV9989 Datasheet HTML 7Page - Microchip Technology HV9989 Datasheet HTML 8Page - Microchip Technology HV9989 Datasheet HTML 9Page - Microchip Technology HV9989 Datasheet HTML 10Page - Microchip Technology HV9989 Datasheet HTML 11Page - Microchip Technology HV9989 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
HV9989
DS20005296B-page 8
 2014 Microchip Technology Inc.
24
OVP3
Provides the over voltage protection for the converter. When the voltage at this pin
exceeds 5V, channel 3 of the HV9989 is turned off. The fault is reset by re-enabling the
IC using the EN pin.
25
REF3
The voltage at this pin sets the output current level for channel 3. Recommended voltage
range for this pin is 0V-1.25V.
26
FDBK3
Provides output current feedback for channel 3 by using a current sense resistor.
27
COMP3
Stable closed loop control can be accomplished by connecting a compensation network
between the COMP pin and its GND.
28
CS3
Used to sense the source current of the external power FET used with channel 3. It
includes a built-in 210 ns (min) blanking timer.
29
FLT3
Used to drive external disconnect switches. The disconnect switches are used to protect
the LEDs in case of fault conditions and also help to provide excellent PWM dimming
response by disconnecting and reconnecting the LEDs from the output capacitor during
PWM dimming.
30
VDD3
Power supply pin for channel 3. It can either be connected to the VDD pin or supplied
with an external power supply. It must be bypassed with a low ESR capacitor to their
respective GND3 (at least 0.1 μF). All VDD pins (VDD, VDD1-3) must be connected
together externally.
31
GATE3
Output gate driver for the external N-channel power MOSFET.
32
GND3
Ground return for channel 3. It is recommended that all the GNDs of the IC be connected
together in a STAR connection at the input GND terminal to ensure best performance.
33
VDD2
Power supply pin for channel 2. It can either be connected to the VDD pin or supplied
with an external power supply. It must be bypassed with a low ESR capacitor to their
respective GND2 (at least 0.1 μF). All VDD pins (VDD, VDD1-3) must be connected
together externally.
34
GND2
Ground return for channel 2. It is recommended that all the GNDs of the IC be connected
together in a STAR connection at the input GND terminal to ensure best performance.
35
GATE2
Output gate driver for the external N-channel power MOSFET.
36
FLT2
Used to drive external disconnect switches. The disconnect switches are used to protect
the LEDs in case of fault conditions and also help to provide excellent PWM dimming
response by disconnecting and reconnecting the LEDs from the output capacitor during
PWM dimming.
37
CS2
Used to sense the source current of the external power FET used with channel 2. It
includes a built-in 210 ns (min) blanking timer.
38
FDBK2
Provides output current feedback for channel 2 by using a current sense resistor.
39
GND1
Ground return for channel 1. It is recommended that all the GNDs of the IC be connected
together in a STAR connection at the input GND terminal to ensure best performance.
40
GATE1
Output gate driver for the external N-channel power MOSFET.
TABLE 2-1:
PIN DESCRIPTION (CONTINUED) (SHEET 2 OF 2)
Pin #
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com