Electronic Components Datasheet Search
  English  ▼

X  

IS2062 Datasheet(PDF) 39 Page - Microchip Technology

Part # IS2062
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2062 Datasheet(HTML) 39 Page - Microchip Technology

Back Button IS2062 Datasheet HTML 35Page - Microchip Technology IS2062 Datasheet HTML 36Page - Microchip Technology IS2062 Datasheet HTML 37Page - Microchip Technology IS2062 Datasheet HTML 38Page - Microchip Technology IS2062 Datasheet HTML 39Page - Microchip Technology IS2062 Datasheet HTML 40Page - Microchip Technology IS2062 Datasheet HTML 41Page - Microchip Technology IS2062 Datasheet HTML 42Page - Microchip Technology IS2062 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001409A - Page 39
IS2062/64
Note 1:
Test condition: Temperature +25 ºC and wired inductor 10 μH.
2:
These parameters are characterized, but not tested in manufacturing.
Note 1:
Test condition: Temperature +25 ºC.
2:
These parameters are characterized but not tested in manufacturing.
Note 1:
Headroom = VADAP_IN - VBAT.
2:
When VADAP_IN - VBAT > 2V, the maximum fast charge current is 175 mA for thermal protection.
3:
These parameters are characterized but not tested in manufacturing.
TABLE 8-2:
BUCK SWITCHING REGULATOR(2)
Parameter
Min.
Typical
Max.
Unit
Input Voltage
3.0
3.8
4.25
V
Output Voltage (Iload = 70 mA, Vin = 4V)
1.7
1.8
2.05
V
Output Voltage Accuracy
—
±5
—
%
Output Voltage Adjustable Step
—
50
—
mV/Step
Output Adjustment Range
-0.1
—
+0.25
V
Average Load Current (ILOAD)120
—
—
mA
Conversion efficiency (BAT = 3.8V, Iload = 50 mA)
(Note 2)
—88
—
%
Quiescent Current (PFM)
—
—
40
μA
Output Current (peak)
200
—
—
mA
Shutdown Current
—
—
<1
μA
TABLE 8-3:
LOW DROP REGULATOR(1,2)
Parameter
Min.
Typical
Max.
Unit
Input Voltage
3.0
3.8
4.25
V
Output Voltage
CODEC_VO
—
2.8
—
V
LDO31_VO
—
3.3
—
Output Accuracy (VIN = 3.7V, ILOAD = 100 mA, +27 ºC)
—
±5
—
%
Output current (average)
—
—
100
mA
Drop-out voltage
(Iload = maximum output current)
——
300
mV
Quiescent Current
(excluding load, Iload < 1 mA)
—45
—
μA
Shutdown Current
—
—
<1
μA
TABLE 8-4:
BATTERY CHARGER(1, 3)
Parameter
Min.
Typical
Max.
Unit
Input Voltage (ADAP_IN)
4.5
5.0
5.5
V
Supply current to charger only
—
3
4.5
mA
Maximum Battery
Fast Charge Current
Headroom > 0.7V
(ADAP_IN = 5V)
—
350
—
mA
Headroom = 0.3V~0.7V
(ADAP_IN = 4.5V) (Note 2)
—
175
—
mA
Trickle Charge Voltage Threshold
—3
—
V
Battery Charge Termination Current,
(% of Fast Charge Current)
—10
—
%
IS2062_64.book Page 39 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com