Electronic Components Datasheet Search
  English  ▼

X  

IS2062 Datasheet(PDF) 6 Page - Microchip Technology

Part # IS2062
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2062 Datasheet(HTML) 6 Page - Microchip Technology

Back Button IS2062 Datasheet HTML 2Page - Microchip Technology IS2062 Datasheet HTML 3Page - Microchip Technology IS2062 Datasheet HTML 4Page - Microchip Technology IS2062 Datasheet HTML 5Page - Microchip Technology IS2062 Datasheet HTML 6Page - Microchip Technology IS2062 Datasheet HTML 7Page - Microchip Technology IS2062 Datasheet HTML 8Page - Microchip Technology IS2062 Datasheet HTML 9Page - Microchip Technology IS2062 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
IS2062/64
DS60001409A - Page 6
Advance Information
 2016 Microchip Technology Inc.
Table 1-2 provides the key features of the IS2062/64
SoC.
TABLE 1-1:
IS2062/64 KEY FEATURES
Feature
IS2062
IS2064
Application
Headset/Speaker
Speaker
Stereo/mono
Stereo
Stereo
Pin count
56
68
Dimensions (mm2)
7 x 7
8 x 8
Audio DAC output
2 Channel
2 Channel
DAC (single-ended) SNR at 2.8V (dB)
-98
-98
DAC (capless) SNR at 2.8V (dB)
-96
-96
ADC SNR at 2.8V (dB)
-92
-92
I2S digital interface
No
Yes
Analog AUX-In
Yes
Yes
Mono microphones
2
1
External audio amplifier interface
Yes
Yes
UART
Yes
Yes
LED driver
2
3
Internal DC-DC step-down regulator
Yes
Yes
DC 5V adaptor input
Yes
Yes
Battery charger (350 mA max)
Yes
Yes
ADC for thermal charger protection
Yes
Yes
Undervoltage protection
Yes
Yes
GPIO
10
15
Button support
6
6
NFC (triggered by external NFC)
Yes
Yes
EEPROM
128 K
128 K
Customized voice prompt
Store in EEPROM
Multi-tone
Yes
Yes
DSP sound effect
Yes
Yes
BLE
Yes
Yes
Bluetooth profiles
HFP
1.6
1.6
AVRCP
1.6
1.6
A2DP
1.3
1.3
HSP
1.2
1.2
SPP
1.2
1.2
IS2062_64.book Page 6 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com