Electronic Components Datasheet Search
  English  ▼

X  

CD3086 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CD3086
Description  General Purpose NPN Transistor Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD3086 Datasheet(HTML) 4 Page - Intersil Corporation

  CD3086 Datasheet HTML 1Page - Intersil Corporation CD3086 Datasheet HTML 2Page - Intersil Corporation CD3086 Datasheet HTML 3Page - Intersil Corporation CD3086 Datasheet HTML 4Page - Intersil Corporation CD3086 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5-30
FIGURE 3. hFE vs IE
FIGURE 4. VBE vs IE
FIGURE 5. VBE vs TEMPERATURE
FIGURE 6. NORMALIZED hFE, hIE, hRE, hOE vs IC
FIGURE 7. yFE vs FREQUENCY
FIGURE 8. yIE vs FREQUENCY
Typical Performance Curves (Continued)
EMITTER CURRENT (mA)
VCE = 3V
TA = 25
oC
120
110
100
90
80
70
60
50
0.01
0.1
1
10
hFE
0.8
0.7
0.6
0.5
0.4
0.01
0.1
1.0
10
EMITTER CURRENT (mA)
VCE = 3V
TA = 25
oC
VBE
0.9
0.8
0.7
0.6
0.5
0.4
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (oC)
VCB = 3V
IE = 3mA
IE = 1mA
IE = 0.5mA
VCE = 3V
f = 1kHz
TA = 25
oC
hOE
hFE
hRE
hIE
hFE = 100
hIE = 3.5kΩ
hRE = 1.88 x 10
-4
hOE = 15.6µS
AT
1mA
hRE
hIE
100
10
1.0
0.1
0.01
0.1
1.0
10
COLLECTOR CURRENT (mA)
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
0.1
10
100
-20
-10
0
10
20
30
40
gFE
bFE
1
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
0.1
10
100
0
1
2
3
4
5
6
gIE
bIE
1
CA3086



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com