Electronic Components Datasheet Search
  English  ▼

X  

CD3086 Datasheet(PDF) 2 Page - Intersil Corporation

Part # CD3086
Description  General Purpose NPN Transistor Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD3086 Datasheet(HTML) 2 Page - Intersil Corporation

  CD3086 Datasheet HTML 1Page - Intersil Corporation CD3086 Datasheet HTML 2Page - Intersil Corporation CD3086 Datasheet HTML 3Page - Intersil Corporation CD3086 Datasheet HTML 4Page - Intersil Corporation CD3086 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5-28
Absolute Maximum Ratings
Thermal Information
The following ratings apply for each transistor in the device:
Collector-to-Emitter Voltage, VCEO. . . . . . . . . . . . . . . . . . . . . 15V
Collector-to-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . 20V
Collector-to-Substrate Voltage, VCIO (Note 1) . . . . . . . . . . . . 20V
Emitter-to-Base Voltage, VEBO. . . . . . . . . . . . . . . . . . . . . . . . . 5V
Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . .
150
75
PDIP Package . . . . . . . . . . . . . . . . . . .
180
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
220
N/A
Maximum Power Dissipation (Any one transistor) . . . . . . . . . 300mW
Maximum Junction Temperature (Hermetic Packages) . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The collector of each transistor in the CA3086 is isolated from the substrate by an integral diode. The substrate (Terminal 13) must be
connected to the most negative point in the external circuit to maintain isolation between transistors and to provide for normal transistor
action. To avoid undesirable coupling between transistors, the substrate (Terminal 13) should be maintained at either DC or signal (AC)
ground. A suitable bypass capacitor can be used to establish a signal ground.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, For Equipment Design
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Collector-to-Base Breakdown Voltage
V(BR)CBO
lC = 10µA, IE = 0
20
60
-
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC = 1mA, IB = 0
15
24
-
V
Collector-to-Substrate Breakdown Voltage
V(BR)ClO
IC = 10µA, ICI = 0
20
60
-
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE = 10µA, IC = 0
5
7
-
V
Collector-Cutoff Current (Figure 1)
ICBO
VCB = 10V, IE = 0,
-
0.002
100
nA
Collector-Cutoff Current (Figure 2)
ICEO
VCE = 10V, IB = 0,
-
(Figure 2)
5
µA
DC Forward-Current Transfer Ratio (Figure 3)
hFE
VCE = 3V, IC = 1mA
40
100
-
Electrical Specifications
TA = 25
oC, Typical Values Intended Only for Design Guidance
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL
VALUES
UNITS
DC Forward-Current Transfer Ratio
(Figure 3)
hFE
VCE = 3V
IC = 10mA
100
IC = 10µA54
Base-to-Emitter Voltage (Figure 4)
VBE
VCE = 3V
IE = 1 mA
0.715
V
IE = 10mA
0.800
V
VBE Temperature Coefficient (Figure 5)
∆VBE/∆TVCE = 3V, lC = 1 mA
-1.9
mV/oC
Collector-to-Emitter
Saturation Voltage
VCE SAT
IB = 1mA, IC = 10mA
0.23
V
Noise Figure (Low Frequency)
NF
f = 1kHz, VCE = 3V, IC = 100µA,
RS = 1kΩ
3.25
dB
CA3086



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com