Electronic Components Datasheet Search
  English  ▼

X  

ECP103D Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # ECP103D
Description  1 Watt, High Linearity InGaP HBT Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP103D Datasheet(HTML) 5 Page - WJ Communication. Inc.

  ECP103D Datasheet HTML 1Page - WJ Communication. Inc. ECP103D Datasheet HTML 2Page - WJ Communication. Inc. ECP103D Datasheet HTML 3Page - WJ Communication. Inc. ECP103D Datasheet HTML 4Page - WJ Communication. Inc. ECP103D Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
October 2004 Rev 1
ECP103
1 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
ECP103D (16-pin 4x4mm Package) Mechanical Information
Outline Drawing
Land Pattern
0.65mm
TYP.
TYP.
SOLDERMASK SWELL TO BE 0.5mm
FROM OUTSIDE EDGE OF ALL PADS
GROUND PLANE AREA FOR VIAS
2.23mm X 2.23mm
RECOMMENDED PAD
0.76mm X 0.34mm
DEVICE GROUND PAD
2.0mm X 2.0mm
4.00mm
16L 4.0mm X 4.0mm PACKAGE
0.25mm DIA. THERMAL GROUND VIA HOLE VIAS ARE PLACED
ON A 0.65mm GRID. VIAS ARE TO BE CONNECTED TO TOP,
BOTTOM, AND INTERNAL GROUND PLANES IN ORDER TO
MAXIMIZE HEAT DISSIPATION. FOR .031" THK FR4 MATERIAL,
VIA BARREL PLATING TO BE MIN. 0.0014 THICK. VIAS TO BE
PLUGGED WITH EITHER CONDUCTIVE OR NON-CONDUCTIVE
EPOXY TO PREVENT SOLDER. DRAINS THROUGH VIA IN
REFLOW PROCESS
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
q C
Thermal Resistance, Rth (1)
33
q C / W
Junction Temperature, Tjc (2)
159
q C
Notes:
1. The thermal resistance is referenced from the junction-
to-case at a case temperature of 85 C. Tjc is a function
of the voltage at pins 10 and 11 and the current applied
to pins 10, 11, and 16 and can be calculated by:
Tjc = Tcase + Rth * Vcc * Icc
2. This corresponds to the typical biasing condition of +5V,
450 mA at an 85 C case temperature. A minimum
MTTF of 1 million hours is achieved for junction
temperatures below 247 C.
Product Marking
The component will be marked with an
“ ECP103D” designator with an alphanumeric
lot code on the top surface of the package.
Tape and reel specifications for this part are
located on the website in the “ Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes between 500 and 1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 3 at +235 C convection reflow
Standard:
JEDEC Standard J-STD-020
Functional Diagram
Function
Pin No.
Vref
1
RF Input
3
RF Output
10, 11
Vbias
16
GND
Backside Paddle
N/C or GND
2, 4-9, 12-15
Mounting Config. Notes
1.
A heatsink underneath the area of the PCB for the mounted
device is strictly required for proper thermal operation.
Damage to the device can occur without the use of one.
2.
Ground / thermal vias are critical for the proper performance
of this device. Vias should use a .35mm (#80 / .0135” )
diameter drill and have a final plated thru diameter of .25
mm (.010” ).
3.
Add as much copper as possible to inner and outer layers
near the part to ensure optimal thermal performance.
4.
Mounting screws can be added near the part to fasten the
board to a heatsink. Ensure that the ground / thermal via
region contacts the heatsink.
5.
Do not put solder mask on the backside of the PC board in
the region where the board contacts the heatsink.
6.
RF trace width depends upon the PC board material and
construction.
7.
Use 1 oz. Copper minimum.
8
All dimensions are in millimeters (inches). Angles are in
degrees.
MTTF vs. GND Tab Temperature
100
1000
10000
100000
1000000
50
60
70
80
90
100
Tab temperature (°C)
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
N/C
RF OUT
RF OUT
N/C
Vref
N/C
RF IN
N/C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com