Electronic Components Datasheet Search
  English  ▼

X  

ECP103D Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # ECP103D
Description  1 Watt, High Linearity InGaP HBT Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP103D Datasheet(HTML) 1 Page - WJ Communication. Inc.

  ECP103D Datasheet HTML 1Page - WJ Communication. Inc. ECP103D Datasheet HTML 2Page - WJ Communication. Inc. ECP103D Datasheet HTML 3Page - WJ Communication. Inc. ECP103D Datasheet HTML 4Page - WJ Communication. Inc. ECP103D Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
October 2004 Rev 1
ECP103
1 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
Product Features
x 2300 - 2700 MHz
x +30.5 dBm P1dB
x +46 dBm Output IP3
x 10 dB Gain @ 2450 MHz
x 9 dB Gain @ 2600 MHz
x Single Positive Supply (+5V)
x Available in SOIC-8 or 16pin
4mm QFN package
Applications
x W-LAN
x RFID
x DMB
x Fixed Wireless
Product Description
The ECP103 is a high dynamic range driver amplifier in
a low-cost surface mount package. The InGaP/GaAs
HBT is able to achieve superior performance for various
narrowband-tuned application circuits with up to +46
dBm OIP3 and +30.5 dBm of compressed 1-dB power.
The part is housed in an industry standard SOIC-8 SMT
package. All devices are 100% RF and DC tested.
The ECP103 is targeted for use as a driver amplifier in
wireless infrastructure where high linearity and medium
power is required. An internal active bias allows the
ECP103 to maintain high linearity over temperature and
operate directly off a single +5V supply.
This
combination makes the device an excellent candidate for
driver amplifier stages in wireless-LAN, digital
multimedia broadcast, or fixed wireless applications. The
device can also be used in next generation RFID readers.
Functional Diagram
ECP103D
ECP103G
Specifications (1)
Parameter
Units Min Typ Max
Operational Bandwidth
MHz
2300
2700
Test Frequency
MHz
2450
Gain
dB
10
Input Return Loss
dB
18
Output Return Loss
dB
8
Output P1dB
dBm
+30.5
Output IP3 (2)
dBm
+46
Noise Figure
dB
6.3
Test Frequency
MHz
2600
Gain
dB
9
Output P1dB
dBm
+30
Output IP3 (2)
dBm
+45
Operating Current Range , Icc (3)
mA
400
450
500
Device Voltage, Vcc
V
5
1. Test conditions unless otherwise noted: T = 25ºC, Vsupply = +5 V in a tuned application circuit.
2. 3OIP measured with two tones at an output power of +15 dBm/tone separated by 1 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. This corresponds to the quiescent current or operating current under small-signal conditions into
pins 6, 7, and 8. It is expected that the current can increase by an additional 90 mA at P1dB. Pin 1
is used as a reference voltage for the internal biasing circuitry. It is expected that Pin 1 will pull
10.8 mA of current when used with a series bias resistor of R1=51 . (ie. total device current
typically will be 461 mA.)
Typical Performance (4)
Parameter
Units
Typical
Frequency
MHz
2450
2600
S21 – Gain
dB
10
9
S11
dB
15
15
S22
dB
8
8
Output P1dB
dBm
30.5
30.0
Output IP3
dBm
46
45
W-CDMA Channel Power
@ -45 dBc ACPR
dBm
22.5
Noise Figure
dB
7
7
7
Supply Bias (3)
+5 V @ 450 mA
4. Typical parameters reflect performance in a tuned application circuit at +25 C.
Absolute Maximum Rating
Ordering Information
Parameters
Rating
Part No.
Description
Operating Case Temperature
-40 to +85
qC
ECP103D
1 Watt InGaP HBT Amplifier (16p 4mm Pkg)
Storage Temperature
-65 to +150
qC
ECP103G
1 Watt InGaP HBT Amplifier (Soic-8 Pkg)
RF Input Power (continuous)
+26 dBm
ECP103D-PCB2450
2450 MHz Evaluation Board
Device Voltage
+8 V
ECP103D-PCB2650
2600 MHz Evaluation Board
Device Current
900 mA
ECP103G-PCB2450
2450 MHz Evaluation Board
Device Power
5 W
ECP103G-PCB2650
2600 MHz Evaluation Board
Operation of this device above any of these parameters may cause permanent damage.
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
N/C
RF OUT
RF OUT
N/C
Vref
N/C
RF IN
N/C
1
2
3
4
8
7
6
5
Vref
N/C
RF IN
N/C
Vbias
RF OUT
RF OUT
N/C


Similar Part No. - ECP103D

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP100 WJCI-ECP100 Datasheet
537Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-G WJCI-ECP100D-G Datasheet
537Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-PCB1960 WJCI-ECP100D-PCB1960 Datasheet
537Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-PCB2140 WJCI-ECP100D-PCB2140 Datasheet
537Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - ECP103D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH118 ETC-AH118 Datasheet
176Kb / 6P
1/4 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP052 WJCI-ECP052 Datasheet
225Kb / 5P
1/2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH115 ETC-AH115 Datasheet
577Kb / 7P
1/2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
1/2 Watt, High Linearity InGaP HBT Amplifier
ECP050D WJCI-ECP050D Datasheet
489Kb / 5P
1/2 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
SCG015 WJCI-SCG015 Datasheet
398Kb / 6P
1/4 Watt, High Linearity InGaP HBT Amplifier
AH215 WJCI-AH215 Datasheet
330Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
Watt, High Linearity InGaP HBT Amplifier
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com