Electronic Components Datasheet Search
  English  ▼

X  

MCP6V62 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6V62
Description  Portable Instrumentation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V62 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6V62 Datasheet HTML 6Page - Microchip Technology MCP6V62 Datasheet HTML 7Page - Microchip Technology MCP6V62 Datasheet HTML 8Page - Microchip Technology MCP6V62 Datasheet HTML 9Page - Microchip Technology MCP6V62 Datasheet HTML 10Page - Microchip Technology MCP6V62 Datasheet HTML 11Page - Microchip Technology MCP6V62 Datasheet HTML 12Page - Microchip Technology MCP6V62 Datasheet HTML 13Page - Microchip Technology MCP6V62 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
MCP6V61/1U/2/4
DS20005367B-page 10
 2014-2015 Microchip Technology Inc.
Note:
Unless otherwise indicated, TA =+25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =20kΩ to VL and CL =30pF.
2.2
Other DC Voltages and Currents
FIGURE 2-19:
Input Common Mode
Voltage Headroom (Range) vs. Ambient
Temperature.
FIGURE 2-20:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-21:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-22:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-23:
Supply Current vs. Power
Supply Voltage.
FIGURE 2-24:
Power-On Reset Trip
Voltage.
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-50
-25
0
25
50
75
100
125
Ambient Temperature (
°C)
Upper (V
CMH – VDD)
Lower (V
CML – VSS)
1 Wafer Lot
1
10
100
1000
0.1
1
10
Output Current Magnitude (mA)
V
DD = 5.5V
V
DD = 1.8V
V
DD – VOH
V
OL – VSS
0
10
20
30
40
50
60
70
80
90
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD – VOH
V
DD = 5.5V
V
DD – VOH
V
OL – VSS
V
DD = 1.8V
R
L = 2 kΩ
-40
-30
-20
-10
0
10
20
30
40
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5
Power Supply Voltage (V)
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C
Representative Part
0
20
40
60
80
100
120
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5
Power Supply Voltage (V)
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C
Representative Part
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
POR Trip Voltage (V)
615 Samples
1 Wafer Lot
T
A = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com