Electronic Components Datasheet Search
  English  ▼

X  

MCP6V62 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6V62
Description  Portable Instrumentation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V62 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6V62 Datasheet HTML 12Page - Microchip Technology MCP6V62 Datasheet HTML 13Page - Microchip Technology MCP6V62 Datasheet HTML 14Page - Microchip Technology MCP6V62 Datasheet HTML 15Page - Microchip Technology MCP6V62 Datasheet HTML 16Page - Microchip Technology MCP6V62 Datasheet HTML 17Page - Microchip Technology MCP6V62 Datasheet HTML 18Page - Microchip Technology MCP6V62 Datasheet HTML 19Page - Microchip Technology MCP6V62 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
MCP6V61/1U/2/4
DS20005367B-page 16
 2014-2015 Microchip Technology Inc.
Note:
Unless otherwise indicated, TA =+25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =20kΩ to VL and CL =30pF.
FIGURE 2-50:
Inverting Large Signal Step
Response.
FIGURE 2-51:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-52:
Output Overdrive Recovery
vs. Time with G = -10 V/V.
FIGURE 2-53:
Output Overdrive Recovery
Time vs. Inverting Gain.
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
40
45
50
Time (
μs)
V
DD = 5.5 V
G = -1 V/V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Falling Edge, V
DD = 5.5V
Falling Edge, V
DD = 1.8V
Rising Edge, V
DD = 5.5V
Rising Edge, V
DD = 1.8V
-1
0
1
2
3
4
5
6
Time (50 µs/div)
GV
IN
GV
IN
V
OUT
V
OUT
V
DD = 5.5V
G = -10 V/V
0.5V Overdrive
110
100
1000
Inverting Gain Magnitude (V/V)
100µ
10µ
1µ
0.5V Input Overdrive
1m
10m
V
DD = 1.8V
V
DD = 5.5V
t
ODR, high
t
ODR, low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com