Electronic Components Datasheet Search
  English  ▼

X  

BL6331CP Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL6331CP
Description  Optimized PWM Output Stage Eliminates LC Output Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6331CP Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL6331CP Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BL6331
http://www.belling.com.cn
- 4 -
Total 12 Pages
CTRL1
CTRL2
Mode
H
H
NonClip1
H
GND
NonClip2
GND
H
NonClip-off
GND
GND
SHUTDOWN
“H” level indicates a microcomputer’s I/O port H level output voltage. “GND” level indicates a
GND level output voltage. According to different “H” level output voltage of microcomputer, different
external resistors (Rctrl1、Rctrl2 and Rctrl3) should be taken.
Connect the CTRL terminal to the GND through a capacitor Cctrl.
“H”level output voltage
of MCU or BB
1.8V
2.6V
3.0V
3.3V
5.0V
Rctrl1
27kΩ
33KΩ
33KΩ
33KΩ
56KΩ
Rctrl2
56KΩ
68KΩ
68KΩ
68KΩ
120KΩ
Rctrl3
82KΩ
27KΩ
22KΩ
18KΩ
15KΩ
In CONFIG 2 of CTRL, A RC filter with time constant of 1m sec or more is used to eliminate noise
at transmission side such as Micon etc. (Example. Rctrl=10kΩ and Cctrl=0.1Μf). Only the following
two mode can be set: NonClip1, and shutdown mode. When CTRL1 is “H” level voltage, BL6331
work in NonClip1 mode. When CTRL1 is “L” level voltage, BL6331 work in shutdown mode.
Work mode switch
When CTRL terminal is connected to GND potential, BL6331 work in “shutdown” mode. The
entire circuit function stop and its current consumption becomes the lowest. At startup, the CTRL
must be first set to “Nonclip1” mode(
(
(
(CTRL1 and CTRL2 is “
“
“
“H”
”
”
”)。
)。
)。
)。The shutdown mode is
cancelled and IC starts up after startup time (tstup). Then, by setting the voltage of CTRL1 or
CTRL2,
,
,
,IC can switch to nonclip2 or nonclip-off MODE. When IC works in shutdown mode, the
IC must restart after tSD. The switching of work mode is shown in the following graph.
The timing of work mode switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com