Electronic Components Datasheet Search
  English  ▼

X  

BL6331CP Datasheet(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Part # BL6331CP
Description  Optimized PWM Output Stage Eliminates LC Output Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6331CP Datasheet(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

  BL6331CP Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BL6331
http://www.belling.com.cn
- 5 -
Total 12 Pages
Test Circuit
100
47nF
100
47nF
30kHz LPF
VO+
VO-
V
O
30-kHz LPF for BL6331 test
Notes: 1>. C1 should be placed as close as possible to VDD/GND pad of the device
2>. Ci should be shorted for any Common-Mode input voltage measurement
3>. A 33uH inductor should be used in series with RL for efficiency measurement
4>. The 30 kHz LPF (shown in figure 5) is required even if the analyzer has an
internal LPF
1uF
IN+
IN-
VDD
GND
VO+
VO-
BL6331
33nF
30KHz
LPF
Signal input
from
measurement
Output
to
measurement
+
-
Power
Supply
C1
Ci
Ci
CTRL
Ctrl
signal
V
O
V
in
PGND
VREF
C2
33nF
1uF
0.1uF
BL6331 Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com