Electronic Components Datasheet Search
  English  ▼

X  

EXO3C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EXO3C
Description  ECM Programmable Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EXO3C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EXO3C Datasheet HTML 1Page - List of Unclassifed Manufacturers EXO3C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECM Programmable Oscillator
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: sales@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
EXO-3 Series
Parameter
Frequency Range
12MHz to 24.576MHz
30.0MHz to 40.0MHz
Standard Frequency
Table 1
Table 2
Divider Select
Table 3
Frequency Stability
+/-100ppm
+/-150ppm
Operating Temperature
-100C to +700C
Supply Voltage
+5.0B +/- 0.5V
Current Consumption
20mA max (8mATyp / 16.0MHz)
Output Waveform
CMOS
Symmetry
40~60
Rise & Fall Times
15nS max (10nS typ)
Output Load
50pF
15pF
8 Pin DIL plastic package
Low power consumption
Suitable for auto insertion
Programmable frequency divider
Table 1) Standard Frequency (Frequency Stability +/-100ppm)
1/20
1/21
1/22
1/23
1/24
1/25
1/26
1/27
1/28
12.00MHz
6.00MHz
3.00MHz
1.50MHz
750kHz
375kHz
187.5kHz
93.75kHz
46.875kHz
12.288
6.144
3.072
1.536
768
384
192
96
48
12.80
6.40
3.20
1.60
800
400
200
100
50
14.31818
7.15909
3.579545
1.789772
894.88
447.44
223.72
111.86
55.930
14.7456
7.3728
3.6864
1.8432
921.6
460.8
230.4
115.2
57.6
15.9744
7.9872
3.9936
1.9968
998.4
499.2
249.6
124.8
62.4
16.00
8.00
4.00
2.00
1000
500
250
125
62.5
16.384
8.192
4.096
2.048
1024
512
256
128
64
17.734476
8.867238
4.433619
2.216809
1108.4
554.2
277.1
138.55
69.275
18.432
9.216
4.608
2.304
1152
576
288
144
72
19.6608
9.8304
4.9152
2.4576
1228.8
614.4
307.2
153.6
76.8
20.00
10.00
5.00
2.50
1250
625
312.5
156.25
78.125
24.00
12.00
6.00
3.00
1500
750
375
187.5
93.75


Similar Part No. - EXO3C

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
EXO3C GOLLEDGE-EXO3C Datasheet
60Kb / 1P
Programmable Oscillator
More results

Similar Description - EXO3C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S99 AD-AD2S99 Datasheet
317Kb / 8P
Programmable Oscillator
REV. B
logo
List of Unclassifed Man...
VF315 ETC1-VF315 Datasheet
69Kb / 1P
ECM Surface Mount Oscillator
ECT107 ETC1-ECT107 Datasheet
81Kb / 1P
ECM TCXO Crystal Oscillator
SG615 ETC1-SG615 Datasheet
67Kb / 1P
ECM Surface Mount Oscillator
logo
ECM Electronics Limited...
EXO-3 ECM-EXO-3 Datasheet
123Kb / 2P
Programmable Oscillator
logo
ECS, Inc.
ECS-P33 ECS-ECS-P33 Datasheet
127Kb / 1P
Programmable OSCILLATOR
logo
Analog Devices
AD2S99APZ AD-AD2S99APZ Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
AD2S99BPZ AD-AD2S99BPZ Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
AD2S99 AD-AD2S99_15 Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
AD2S99 AD-AD2S99_17 Datasheet
351Kb / 9P
Programmable Oscillator
23-Feb-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com