Electronic Components Datasheet Search
  English  ▼

X  

EXO3C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EXO3C
Description  ECM Programmable Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EXO3C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EXO3C Datasheet HTML 1Page - List of Unclassifed Manufacturers EXO3C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECM Programmable Oscillator
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: sales@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
Table 2) Standard Frequency (Frequency Stability +/-150ppm
)
1/20
1/21
1/22
1/23
1/24
1/25
1/26
1/27
1/28
30.00MHz
15MHz
7.50MHz
3.75MHz
1.875MHz
937.5kHz
468.74kHz
234.375kHz
117.1875kHz
32.0
16
8
4
2
1000
500
250
125
36.0
18
9
4.5
2.25
1125
562.5
281.25
140.625
40.0
20
10
5
2.50
1250
625
312.5
153.625
Table 3) Function Table
Input
Output
Select
ST
F(#1)
D(#2)
C
B
A
H
fo Clock
fo.1/2 Clock
L
L
L
H
fo Clock
fo.1/22 Clock
L
L
H
H
fo Clock
fo.1/23 Clock
L
H
L
H
fo Clock
fo.1/24 Clock
L
H
H
H
fo Clock
fo.1/25 Clock
H
L
L
H
fo Clock
fo.1/26 Clock
H
L
H
H
fo Clock
fo.1/27 Clock
H
H
L
H
fo Clock
fo.1/28 Clock
H
H
H
H
fo Clock
fo.1/29 Clock
---
L
L
L
Pin
1
2
3
4
5
6
7
8
Out
F
Out
2 D
ST
GND
A
B
C
VDD
A
B
C
D
E
F
G
H
12.8
7.62
7.62
0.5
2.54
0.8
5.08
Dimensions in mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com