Electronic Components Datasheet Search
  English  ▼

X  

ONYXL-7 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # ONYXL-7
Description  LED reading lights
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ONYXL-7 Datasheet(HTML) 1 Page - OSRAM GmbH

  ONYXL-7 Datasheet HTML 1Page - OSRAM GmbH ONYXL-7 Datasheet HTML 2Page - OSRAM GmbH ONYXL-7 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ 2 year guarantee
_ Comfortable warm and glare-free light
_ Individual adjustment thanks to bendable neck
_ Pleasantly soft, easy to grip and dirt resistant surface
_ Luminaire can be switched on/off and remain connected permanently
Product features
_ Reading luminaire with LED lamp for vehicle interior
_ Supply voltage: 12 V and 24 V
_ Available with color temperature: 3,200 K
_ Luminous flux: 20 lm
_ Lifetime (LED): up to 20,000 h
_ Plastic base (40 x 40 mm) with two mounting holes for M4 screw
_ Electrical contacting via plug connector AMP 626065-0
Product datasheet
ONYX L+7
ONYX COPILOT | LED reading lights
Areas of application
_ Vehicle interior
_ Reading light
__
December 12, 2016, 09:20:50
© 2016, OSRAM GmbH. All rights reserved.
ONYX L+7
Page 1 of 3


Similar Part No. - ONYXL-7

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ONYX-151 AAEON-ONYX-151 Datasheet
791Kb / 3P
15" color TFT LCD display
ONYX-152 AAEON-ONYX-152 Datasheet
791Kb / 2P
VIA Eden CPU based Medical Station with 15 TFT LCD
ONYX-152-A1 AAEON-ONYX-152-A1 Datasheet
791Kb / 2P
VIA Eden CPU based Medical Station with 15 TFT LCD
ONYX-152-A2 AAEON-ONYX-152-A2 Datasheet
791Kb / 2P
VIA Eden CPU based Medical Station with 15 TFT LCD
ONYX-152T-A1 AAEON-ONYX-152T-A1 Datasheet
791Kb / 2P
VIA Eden CPU based Medical Station with 15 TFT LCD
More results

Similar Description - ONYXL-7

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1091M CML-1091M Datasheet
222Kb / 1P
Non-Relampable LED Indicator Lights
1091QM CML-1091QM Datasheet
224Kb / 1P
Non-Relampable LED Indicator Lights
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
Astrolite LED Indicator Lights
logo
Visual Communications C...
1091QM VCC-1091QM Datasheet
67Kb / 1P
Non-Relampable LED Indicator Lights
L79 VCC-L79 Datasheet
590Kb / 2P
LED Indicator lights mounting hole
logo
List of Unclassifed Man...
STR1060005CE01 ETC2-STR1060005CE01 Datasheet
364Kb / 7P
3527 LED Strip Lights
STR1230165CG01 ETC2-STR1230165CG01 Datasheet
1Mb / 7P
5050 LED Strip Lights
logo
Banner Engineering Corp...
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
LED..SM Series Spot Lights
logo
Maxim Integrated Produc...
MAX20333EVKIT MAXIM-MAX20333EVKIT Datasheet
519Kb / 12P
Output and Flag LED Reading
Rev 1; 2/21
logo
Molex Electronics Ltd.
987651-6364 MOLEX-987651-6364 Datasheet
431Kb / 2P
Brad M12 LED Machine Lights
2017.04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com