Electronic Components Datasheet Search
  English  ▼

X  

ONYXL-7 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # ONYXL-7
Description  LED reading lights
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ONYXL-7 Datasheet(HTML) 3 Page - OSRAM GmbH

  ONYXL-7 Datasheet HTML 1Page - OSRAM GmbH ONYXL-7 Datasheet HTML 2Page - OSRAM GmbH ONYXL-7 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Equipment / Accessories
_ Matching mating plug AMP 626064-0
_ Matching plugs: AMP 1217281-2, 63241-3, 62572-6 or 1217321-2
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899077324
ONYX L+7
Folding carton box
1
110 mm x 35 mm x
290 mm
1.12 dm³
128.00 g
4052899077331
ONYX L+7
Shipping carton box
4
149 mm x 118 mm x
302 mm
5.31 dm³
819.00 g
4052899077348
ONYX L+7
Shipping carton box
32
- x - x -
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Guarantee terms are available at
www.osram.com/am-guarantee
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 09:20:50
© 2016, OSRAM GmbH. All rights reserved.
ONYX L+7
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com