Electronic Components Datasheet Search
  English  ▼

X  

AEW Datasheet(PDF) 20 Page - Astec America, Inc

Part # AEW
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW Datasheet(HTML) 20 Page - Astec America, Inc

Back Button AEW Datasheet HTML 16Page - Astec America, Inc AEW Datasheet HTML 17Page - Astec America, Inc AEW Datasheet HTML 18Page - Astec America, Inc AEW Datasheet HTML 19Page - Astec America, Inc AEW Datasheet HTML 20Page - Astec America, Inc AEW Datasheet HTML 21Page - Astec America, Inc AEW Datasheet HTML 22Page - Astec America, Inc AEW Datasheet HTML 23Page - Astec America, Inc AEW Datasheet HTML 24Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
20
Electrical Characteristic (continued)
List 3 Input characteristics
Parameter
Model
Symbol
Minimum
Typical
Maximum
Unit
Input voltage range
Rated 24V
Rated 48V
Vin
Vin
18
36
24
48
36
72
Vdc
Vdc
AEW05ABB24
Iin
2.06
A
AEW05ACC24
Iin
2.06
A
AEW05ABB48
Iin
1.02
A
Maximum input
current
(the lowest input
voltage, rated
output)
AEW05ACC48
Iin
1.02
A
Input under-voltage
shutdown
Rated 24V
Rated 48V
14
30
15.5
33
18
36
Vdc
Vdc
Input
over-voltage
shutdown
Rated 24V
Rated 48V
36
72
40
76
42
82
Vdc
Vdc
Input reflected
current
(5Hz-20MHz 12
µH
impedance,
TA=25
°C reference
AEW dual output
figure 3)
All
—
—
5
20
mAp-p
Note: there is no fuse inside the power module. Recommend adding an external fuse in the input of the
module.
A common fuse can be selected, the value can refer to the maximum current in the list 3.
List 4 Remote ON/OFF
Parameter
Model
Symbol
Minimum
Typical
Maximum
Unit
Remote ON/OFF
logic
All
CNT
CNT in the midair, output ON
CNT connects with -VIN, output
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com