Electronic Components Datasheet Search
  English  ▼

X  

AEW Datasheet(PDF) 5 Page - Astec America, Inc

Part # AEW
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW Datasheet(HTML) 5 Page - Astec America, Inc

  AEW Datasheet HTML 1Page - Astec America, Inc AEW Datasheet HTML 2Page - Astec America, Inc AEW Datasheet HTML 3Page - Astec America, Inc AEW Datasheet HTML 4Page - Astec America, Inc AEW Datasheet HTML 5Page - Astec America, Inc AEW Datasheet HTML 6Page - Astec America, Inc AEW Datasheet HTML 7Page - Astec America, Inc AEW Datasheet HTML 8Page - Astec America, Inc AEW Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
5
Electrical Characteristic (continued)
List 5 Output characteristics
Parameter
Model
Symbol
Minimum
Typical
Maximum
Unit
AEW03AA24
Vo,set
!4.95
!5.0
!5.05
Vdc
AEW01BB24
Vo,set
!11.88
!12.0
!12.12
Vdc
AEW01CC24
Vo,set
!14.85
!15.0
!15.15
Vdc
AEW03AA48
Vo,set
!4.95
!5.0
!5.05
Vdc
AEW01BB48
Vo,set
!11.88
!12.0
!12.12
Vdc
Output setpoint
voltage
Condition:
1.
25
°C
ambient
temperature,
2. rated input,
3. full load
AEW01CC48
Vo,set
!14.85
!15.0
!15.15
Vdc
AEW03AA24
!Vo
!4.83
!5.0
!5.17
Vdc
AEW01BB24
!Vo
!11.6
!12.0
!12.4
Vdc
AEW01CC24
!Vo
!14.15
!15.0
!15.85
Vdc
AEW03AA48
!Vo
!4.83
!5.0
!5.17
Vdc
AEW01BB48
!Vo
!11.6
!12.0
!12.4
Vdc
Output voltage
Conditions:
1. Full input range,
output
range
and
ambient
temperature range.
2. 10%
100% load.
AEW01CC48
!Vo
!14.15
!15.0
!15.85
Vdc
Line regulation
Low
high
All
0.01%
0.2%
Load regulation
10%
100% rated
load (+Io=-Io)
All
0.01%
0.5%
Temperature
coefficiency
All
Tcoeff
—
—
0.02%
/
°C
AEW03AA24
11
25
mVrms
AEW01BB24
11
25
mVrms
AEW01CC24
15
25
mVrms
AEW03AA48
15
25
mVrms
AEW01BB48
16
25
mVrms
Output ripple
typical value
(testing method
reference to figure 4)
AEW01CC48
12
25
mVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com