Electronic Components Datasheet Search
  English  ▼

X  

ALT Datasheet(PDF) 1 Page - Astec America, Inc

Part # ALT
Description  TTL compatible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALT Datasheet(HTML) 1 Page - Astec America, Inc

  ALT Datasheet HTML 1Page - Astec America, Inc ALT Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-760-930-4600
Europe (UK): 44 (1384) 842-211 Asia (HK): 852-2176-3333
2
Electrical Specs
Special Features
25-30 Watts
ALT
ALT Dual
•• 25W Single and 30W Dual output
•• 2:1Input range
•• Open Frame package
•• 1.6” X 2.0” X0.48”
•• Positive and Negative enable function
•• Industry standard package
Environmental
Operating temperature
-40°C to +55°C (ambient temperature)
Storage temperature: -55°C to +125°C
MTBF: 2 million hours (Bellcore TR332)
Input
Input range
48Vin:36-75 VDC
24Vin: 18 - 36VDC
Input Surge
48Vin: 100V / 100ms
24Vin: 50V / 100ms
Efficiency
87%@5.0V (Typical)
Control
Enable
TTL compatible
(positive & negative enable
options)
Output
Regulation
Line
<0.2%
Load
<0.5%
Ripple & Noise
75mV p-p for 3.3V and 5V of
48Vin
100mV p-p for 3.3V and 5V of
24Vin
150mV p-p for 12V and 15V
150mV p-p for dual output
Output voltage
adjust range
+/-10% of nominal output
Transient Response
3% max deviation with
50% to 75% full load
200 µS (max) recovery for 48Vin
300 µS (max) recovery for 24Vin
Overvoltage Protection
19V for 15V output
16V for 12V output
7V for 5V ouptut
5V for 3.3Voutput
Isolation
I/O isolation
1500VDC (Basic insulation)
Safety
UL
1950 Recognized
CSA
CSA22.2 - 950
VDE
EN60950 Licensed
Total Power:
25 Watts for Single, 30Watts for Dual output
Input Voltages:
48 V, 24V
No. of Outputs:
Single, Dual


Similar Part No. - ALT

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALT EMERSON-NETWORKPOWER-ALT Datasheet
156Kb / 2P
25W Single and 30W Dual output
logo
M-System Co.,Ltd.
ALT MSYSTEM-ALT Datasheet
136Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
logo
Littelfuse
ALT LITTELFUSE-ALT Datasheet
234Kb / 2P
8-pin Plug-in Alternating Relay
2019 Rev: 2-C-043019
ALT-100-1-SW LITTELFUSE-ALT-100-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
ALT-100-3-SW LITTELFUSE-ALT-100-3-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
More results

Similar Description - ALT

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HC51R5 CONNOR-WINFIELD-HC51R5 Datasheet
55Kb / 1P
HCMOS/TTL COMPATIBLE
logo
Nel Frequency Controls,...
HA-460 NEL-HA-460 Datasheet
61Kb / 2P
CMOS (TTL Compatible)
SJ-460 NEL-SJ-460_10 Datasheet
100Kb / 3P
CMOS (TTL Compatible)
logo
Silicon Touch Technolog...
42-DL212B SITI-42-DL212B Datasheet
112Kb / 6P
TTL interface compatible
logo
Unisonic Technologies
U74AHCT125G-P14-R UTC-U74AHCT125G-P14-R Datasheet
238Kb / 6P
TTL-Voltage Compatible
logo
Lite-On Technology Corp...
LTDL-TA16A LITEON-LTDL-TA16A Datasheet
209Kb / 4P
TTL INTERFACE COMPATIBLE
LTDL-TA25A-L3 LITEON-LTDL-TA25A-L3 Datasheet
230Kb / 5P
TTL INTERFACE COMPATIBLE
LTDL-TA25A-L4 LITEON-LTDL-TA25A-L4 Datasheet
222Kb / 5P
TTL INTERFACE COMPATIBLE
LTDL-TA25B-T1 LITEON-LTDL-TA25B-T1 Datasheet
128Kb / 5P
TTL INTERFACE COMPATIBLE
LTDL-TA50A LITEON-LTDL-TA50A Datasheet
226Kb / 5P
TTL INTERFACE COMPATIBLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com