Electronic Components Datasheet Search
  English  ▼

X  

ALT Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALT
Description  TTL compatible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALT Datasheet(HTML) 2 Page - Astec America, Inc

  ALT Datasheet HTML 1Page - Astec America, Inc ALT Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
3
Ordering Information
www.Emerson.com/EmbeddedPower
Rev06 July 03
ASIA
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: 852-2176-3333
Facsimile: 852-2176-3888
Input
Output
Efficiency
Model Number
Voltage Voltage
48V
3.3V @ 6A
85% (Typ)
ALT06F48
48V
5.0V @ 5A
87% (Typ)
ALT05A48
48V
12V @ 2.1A
87% (Typ)
ALT02B48
48V
15V @ 1.67A
87% (Typ)
ALT01C48 (EOL)
24V
3.3V @ 6A
83% (Typ)
ALT06F24
24V
5.0V @ 5A
85% (Typ)
ALT05A24
Dual output
48V
5.0V @ 3A
84% (Typ)
ALT03AA48 (EOL)
48V
12V @ 1.25A
87% (Typ)
ALT01BB48 (EOL)
Pin Assignments
Single Output
Dual Output



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com