Electronic Components Datasheet Search
  English  ▼

X  

KMA36 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # KMA36
Description  Contactless Absolute 360째 (180째) angle measurement
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KMA36 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  KMA36 Datasheet HTML 1Page - TE Connectivity Ltd KMA36 Datasheet HTML 2Page - TE Connectivity Ltd KMA36 Datasheet HTML 3Page - TE Connectivity Ltd KMA36 Datasheet HTML 4Page - TE Connectivity Ltd KMA36 Datasheet HTML 5Page - TE Connectivity Ltd KMA36 Datasheet HTML 6Page - TE Connectivity Ltd KMA36 Datasheet HTML 7Page - TE Connectivity Ltd KMA36 Datasheet HTML 8Page - TE Connectivity Ltd KMA36 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
KMA36
Contactless Rotational and Linear Encoder
SENSOR SOLUTIONS /// KMA36 Rev 11
4/2016
Page 2
KEY-FEATURES
Resolution
13 Bit / 0.04 degree
Operating power supply range of 3V to 5.5V
3.0
– 5.5V
Operating temperature
- 25 - +85 °C
Average current
10
– 30 mA
Sleep current
1.5 mA
Data Update rate
24
– 720 Hz
I2C Clockrate
Up to 100 kBit/s
APPLICATIONS
Industrial environment
Robotics
Harsh environment
Potentiometer
Handling machine
Motor motion control
Machine tools
PIN ASSIGNMENT
Pin No.
KMA36
TSSOP
Symbol
Type
Description
1
A1
NC
Not connected
2
A0
I
Slave address config. pin
3
DVCC_SE
O
Drive pin to power sensor
4
SDA
I/O
Two-wire interface data pin
5
PWM
O
PWM output
6
SCL
I
Two-wire interface clock pin
7
GND_SE
S
Sensor supply ground pin
8
VCC_SE
S
Sensor power supply pin
9
NC
NC
Not connected
10
NC
NC
Not connected
11
NC
NC
Not connected
12
COILP
I
Coil power supply pin
13
COILN
I
Coil power supply pin
14
AREF
I
Asic analog reference
15
NC
NC
Not connected
16
GND_AS
S
Asic supply ground
17
NC
NC
Not connected
18
VCC_AS
S
Asic power supply
19
DCOILN
O
Drive pin to coil power supply
20
DCOILP
O
Drive pin to coil power supply
Figure 1
: Pin assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com