Electronic Components Datasheet Search
  English  ▼

X  

KMA36 Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # KMA36
Description  Contactless Absolute 360째 (180째) angle measurement
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KMA36 Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button KMA36 Datasheet HTML 9Page - TE Connectivity Ltd KMA36 Datasheet HTML 10Page - TE Connectivity Ltd KMA36 Datasheet HTML 11Page - TE Connectivity Ltd KMA36 Datasheet HTML 12Page - TE Connectivity Ltd KMA36 Datasheet HTML 13Page - TE Connectivity Ltd KMA36 Datasheet HTML 14Page - TE Connectivity Ltd KMA36 Datasheet HTML 15Page - TE Connectivity Ltd KMA36 Datasheet HTML 16Page - TE Connectivity Ltd KMA36 Datasheet HTML 17Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
KMA36
Contactless Rotational and Linear Encoder
SENSOR SOLUTIONS /// KMA36 Rev 11
4/2016
Page 13
In analog mode, the rotation direction can be configured by connecting DVCC_SE and a power supply pin. The
user zero reference angle calibration can be activated by connecting A0 and COILP. When the user zero reference
angle calibration is active, the next evaluated magnetic angle will be set as the new zero reference angle. The user
selectable output voltage for the zero reference angle can be configured by connecting A0 in series with a 4,7k ohm
resistor and a port pin. The percentage indicated is relative to the power supply value Vcc and is defined at the zero
reference angle position.
Table 16:
Analog-Mode configuration
ANALOG - Rotation direction configuration
Direction
Connection
CW
DVCC_SE
VCC
CCW
DVCC_SE
4,7K to GND
ANALOG - User selectable output for zero reference
Percent
Connection
0%
A0
4,7K to VCC
10%
A0
4,7K to DVCC_SE
25%
A0
4,7K to DCOILN
50%
A0
4,7K to GND
ANALOG - Zero reference angle user calibration
Status
Connection
Active
A0
COILP
Inactive
A0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com