| Electronic Components Datasheet Search |
|
HD64F3687 Datasheet(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F3687 Datasheet(HTML) 28 Page - Renesas Technology Corp |
|
28 / 504 page ![]() Rev. 3.00, 05/03, page xxviii of xxx Table 7.6 Programming Time ..................................................................................................... 99 Table 7.7 Flash Memory Operating States................................................................................ 103 Section 10 Realtime Clock (RTC) Table 10.1 Pin Configuration.................................................................................................. 138 Table 10.2 Interrupt Source .................................................................................................... 148 Section 11 Timer B1 Table 11.1 Pin Configuration.................................................................................................. 150 Table 11.2 Timer B1 Operating Modes .................................................................................. 153 Section 12 Timer V Table 12.1 Pin Configuration.................................................................................................. 156 Table 12.2 Clock Signals to Input to TCNTV and Counting Conditions ............................... 159 Section 13 Timer Z Table 13.1 Timer Z Functions................................................................................................. 170 Table 13.2 Pin Configuration.................................................................................................. 174 Table 13.3 Initial Output Level of FTIOB0 Pin...................................................................... 201 Table 13.4 Output Pins in Reset Synchronous PWM Mode ................................................... 206 Table 13.5 Register Settings in Reset Synchronous PWM Mode........................................... 206 Table 13.6 Output Pins in Complementary PWM Mode ........................................................ 210 Table 13.7 Register Settings in Complementary PWM Mode................................................ 210 Table 13.8 Register Combinations in Buffer Operation.......................................................... 216 Section 15 14-Bit PWM Table 15.1 Pin Configuration.................................................................................................. 240 Section 16 Serial Communication Interface 3 (SCI3) Table 16.1 Channel Configuration.......................................................................................... 244 Table 16.2 Pin Configuration.................................................................................................. 246 Table 16.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (1) ...... 254 Table 16.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (2) ...... 255 Table 16.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (3) ...... 256 Table 16.4 Maximum Bit Rate for Each Frequency (Asynchronous Mode) .......................... 257 Table 16.5 Examples of BRR Settings for Various Bit Rates (Clocked Synchronous Mode) (1)......................................................................... 258 Table 16.5 Examples of BRR Settings for Various Bit Rates (Clocked Synchronous Mode) (2)......................................................................... 259 Table 16.6 SSR Status Flags and Receive Data Handling ...................................................... 265 Table 16.7 SCI3 Interrupt Requests ........................................................................................ 281 Section 17 I 2C Bus Interface 2 (IIC2) Table 17.1 I 2C Bus Interface Pins...........................................................................................287 Table 17.2 Transfer Rate......................................................................................................... 289 Table 17.3 Interrupt Requests ................................................................................................. 315 Table 17.4 Time for Monitoring SCL ..................................................................................... 316 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |