Electronic Components Datasheet Search
  English  ▼

X  

HD64F3684 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # HD64F3684
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F3684 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button HD64F3684 Datasheet HTML 73Page - Renesas Technology Corp HD64F3684 Datasheet HTML 74Page - Renesas Technology Corp HD64F3684 Datasheet HTML 75Page - Renesas Technology Corp HD64F3684 Datasheet HTML 76Page - Renesas Technology Corp HD64F3684 Datasheet HTML 77Page - Renesas Technology Corp HD64F3684 Datasheet HTML 78Page - Renesas Technology Corp HD64F3684 Datasheet HTML 79Page - Renesas Technology Corp HD64F3684 Datasheet HTML 80Page - Renesas Technology Corp HD64F3684 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 504 page
background image
Rev. 3.00, 05/03, page 47 of 472
Section 3 Exception Handling
Exception handling may be caused by a reset, a trap instruction (TRAPA), or interrupts.
• Reset
A reset has the highest exception priority. Exception handling starts as soon as the reset is cleared
by the
RES pin. The chip is also reset when the watchdog timer overflows, and exception handling
starts. Exception handling is the same as exception handling by the
RES pin.
• Trap Instruction
Exception handling starts when a trap instruction (TRAPA) is executed. The TRAPA instruction
generates a vector address corresponding to a vector number from 0 to 3, as specified in the
instruction code. Exception handling can be executed at all times in the program execution state,
regardless of the setting of the I bit in CCR.
• Interrupts
External interrupts other than NMI and internal interrupts other than address break are masked by
the I bit in CCR, and kept masked while the I bit is set to 1. Exception handling starts when the
current instruction or exception handling ends, if an interrupt request has been issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com