| Electronic Components Datasheet Search |
|
HD64F3684 Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F3684 Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 504 page ![]() Rev. 3.00, 05/03, page xxi of xxx Figure 12.11 Contention between TCNTV Write and Clear ......................................................167 Figure 12.12 Contention between TCORA Write and Compare Match .....................................168 Figure 12.13 Internal Clock Switching and TCNTV Operation .................................................168 Section 13 Timer Z Figure 13.1 Timer Z Block Diagram ..........................................................................................171 Figure 13.2 Timer Z (Channel 0) Block Diagram.......................................................................172 Figure 13.3 Timer Z (Channel 1) Block Diagram.......................................................................173 Figure 13.4 Example of Outputs in Reset Synchronous PWM Mode and Complementary PWM Mode ...................................................................................179 Figure 13.5 Accessing Operation of 16-Bit Register (between CPU and TCNT (16 bits)) ........189 Figure 13.6 Accessing Operation of 8-Bit Register (between CPU and TSTR (8 bits)).............190 Figure 13.7 Example of Counter Operation Setting Procedure ..................................................191 Figure 13.8 Free-Running Counter Operation ............................................................................192 Figure 13.9 Periodic Counter Operation .....................................................................................193 Figure 13.10 Count Timing at Internal Clock Operation ............................................................193 Figure 13.11 Count Timing at External Clock Operation (Both Edges Detected)......................194 Figure 13.12 Example of Setting Procedure for Waveform Output by Compare Match ............194 Figure 13.13 Example of 0 Output/1 Output Operation..............................................................195 Figure 13.14 Example of Toggle Output Operation ...................................................................196 Figure 13.15 Output Compare Timing........................................................................................196 Figure 13.16 Example of Input Capture Operation Setting Procedure .......................................197 Figure 13.17 Example of Input Capture Operation.....................................................................198 Figure 13.18 Input Capture Signal Timing .................................................................................198 Figure 13.19 Example of Synchronous Operation Setting Procedure.........................................199 Figure 13.20 Example of Synchronous Operation ......................................................................200 Figure 13.21 Example of PWM Mode Setting Procedure ..........................................................201 Figure 13.22 Example of PWM Mode Operation (1) .................................................................202 Figure 13.23 Example of PWM Mode Operation (2) .................................................................203 Figure 13.24 Example of PWM Mode Operation (3) .................................................................204 Figure 13.25 Example of PWM Mode Operation (4) .................................................................205 Figure 13.26 Example of Reset Synchronous PWM Mode Setting Procedure ...........................207 Figure 13.27 Example of Reset Synchronous PWM Mode Operation (OLS0 = OLS1 = 1) ......208 Figure 13.28 Example of Reset Synchronous PWM Mode Operation (OLS0 = OLS1 = 0) ......209 Figure 13.29 Example of Complementary PWM Mode Setting Procedure................................211 Figure 13.30 Canceling Procedure of Complementary PWM Mode ..........................................212 Figure 13.31 Example of Complementary PWM Mode Operation (1).......................................213 Figure 13.32 Example of Complementary PWM Mode Operation (2).......................................214 Figure 13.33 Timing of Overshooting ........................................................................................215 Figure 13.34 Timing of Undershooting ......................................................................................215 Figure 13.35 Compare Match Buffer Operation .........................................................................216 Figure 13.36 Input Capture Buffer Operation.............................................................................217 Figure 13.37 Example of Buffer Operation Setting Procedure ...................................................217 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |