Electronic Components Datasheet Search
  English  ▼

X  

LM3886T Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3886T
Description  Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3886T Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3886T Datasheet HTML 7Page - National Semiconductor (TI) LM3886T Datasheet HTML 8Page - National Semiconductor (TI) LM3886T Datasheet HTML 9Page - National Semiconductor (TI) LM3886T Datasheet HTML 10Page - National Semiconductor (TI) LM3886T Datasheet HTML 11Page - National Semiconductor (TI) LM3886T Datasheet HTML 12Page - National Semiconductor (TI) LM3886T Datasheet HTML 13Page - National Semiconductor (TI) LM3886T Datasheet HTML 14Page - National Semiconductor (TI) LM3886T Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Typical Performance Characteristics (Continued)
Max Heatsink Thermal Resistance (˚C/W)
at the Specified Ambient Temperature (˚C)
Maximum Power Dissipation vs Supply Voltage
DS011833-9
Note: The maximum heat sink thermal resistance values, øSA, in the table above were calculated using a øCS = 0.2˚C/W due to thermal compound.
Power Dissipation
vs Output Power
DS011833-47
Power Dissipation
vs Output Power
DS011833-48
Output Power
vs Supply Voltage
DS011833-49
IMD 60 Hz, 4:1
DS011833-50
IMD 60 Hz, 7 kHz, 4:1
DS011833-51
IMD 60 Hz, 7 kHz, 4:1
DS011833-52
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com