Electronic Components Datasheet Search
  English  ▼

X  

LM3886T Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3886T
Description  Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3886T Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3886T Datasheet HTML 12Page - National Semiconductor (TI) LM3886T Datasheet HTML 13Page - National Semiconductor (TI) LM3886T Datasheet HTML 14Page - National Semiconductor (TI) LM3886T Datasheet HTML 15Page - National Semiconductor (TI) LM3886T Datasheet HTML 16Page - National Semiconductor (TI) LM3886T Datasheet HTML 17Page - National Semiconductor (TI) LM3886T Datasheet HTML 18Page - National Semiconductor (TI) LM3886T Datasheet HTML 19Page - National Semiconductor (TI) LM3886T Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Application Information (Continued)
GBWP
≥ A
V xf3dB = 13 x 100 kHz = 1.3 MHz
GBWP = 2.0 MHz (min) for the LM3886
Solving for the low frequency roll-off capacitor, Ci, we have:
Ci
≥ 1/(2π Ri f
L) = 4.85 µF; use 4.7 µF.
Definition of Terms
Input Offset Voltage: The absolute value of the voltage
which must be applied between the input terminals through
two equal resistances to obtain zero output voltage and cur-
rent.
Input Bias Current: The absolute value of the average of
the two input currents with the output voltage and current at
zero.
Input Offset Current: The absolute value of the difference
in the two input currents with the output voltage and current
at zero.
Input Common-Mode Voltage Range (or Input Voltage
Range): The range of voltages on the input terminals for
which the amplifier is operational. Note that the specifica-
tions are not guaranteed over the full common-mode voltage
range unless specifically stated.
Common-Mode
Rejection:
The
ratio
of
the
input
common-mode voltage range to the peak-to-peak change in
input offset voltage over this range.
Power Supply Rejection: The ratio of the change in input
offset voltage to the change in power supply voltages pro-
ducing it.
Quiescent Supply Current: The current required from the
power supply to operate the amplifier with no load and the
output voltage and current at zero.
Slew Rate: The internally limited rate of change in output
voltage with a large amplitude step function applied to the in-
put.
Class B Amplifier: The most common type of audio power
amplifier that consists of two output devices each of which
conducts for 180˚ of the input cycle. The LM3886 is a
Quasi-AB type amplifier.
Crossover Distortion: Distortion caused in the output stage
of a class B amplifier. It can result from inadequate bias cur-
rent providing a dead zone where the output does not re-
spond to the input as the input cycle goes through its zero
crossing point. Also for ICs an inadequate frequency re-
sponse of the output PNP device can cause a turn-on delay
giving crossover distortion on the negative going transition
through zero crossing at the higher audio frequencies.
THD+N: Total Harmonic Distortion plus Noise refers to the
measurement technique in which the fundamental compo-
nent is removed by a bandreject (notch) filter and all remain-
ing energy is measured including harmonics and noise.
Signal-to-Noise Ratio: The ratio of a system’s output signal
level to the system’s output noise level obtained in the ab-
sence of a signal. The output reference signal is either speci-
fied or measured at a specified distortion level.
Continuous Average Output Power: The minimum sine
wave continuous average power output in watts (or dBW)
that can be delivered into the rated load, over the rated
bandwidth, at the rated maximum total harmonic distortion.
Music Power: A measurement of the peak output power ca-
pability of an amplifier with either a signal duration suffi-
ciently short that the amplifier power supply does not sag
during the measurement, or when high quality external
power supplies are used. This measurement (an IHF stan-
dard) assumes that with normal music program material the
amplifier power supplies will sag insignificantly.
Peak Power: Most commonly referred to as the power out-
put capability of an amplifier that can be delivered to the
load; specified by the part’s maximum voltage swing.
Headroom: The margin between an actual signal operating
level (usually the power rating of the amplifier with particular
supply voltages, a rated load value, and a rated THD + N fig-
ure) and the level just before clipping distortion occurs, ex-
pressed in decibels.
Large Signal Voltage Gain: The ratio of the output voltage
swing to the differential input voltage required to drive the
output from zero to either swing limit. The output swing limit
is the supply voltage less a specified quasi-saturation volt-
age. A pulse of short enough duration to minimize thermal ef-
fects is used as a measurement signal.
Output-Current Limit: The output current with a fixed out-
put voltage and a large input overdrive. The limiting current
drops with time once SPiKe protection circuitry is activated.
Output Saturation Threshold (Clipping Point): The output
swing limit for a specified input drive beyond that required for
zero output. It is measured with respect to the supply to
which the output is swinging.
Output Resistance: The ratio of the change in output volt-
age to the change in output current with the output around
zero.
Power Dissipation Rating: The power that can be dissi-
pated for a specified time interval without activating the pro-
tection circuitry. For time intervals in excess of 100 ms, dis-
sipation capability is determined by heat sinking of the IC
package rather than by the IC itself.
Thermal Resistance: The peak, junction-temperature rise,
per unit of internal power dissipation (units in ˚C/W), above
the case temperature as measured at the center of the pack-
age bottom.
The DC thermal resistance applies when one output transis-
tor is operating continuously. The AC thermal resistance ap-
plies with the output transistors conducting alternately at a
high enough frequency that the peak capability of neither
transistor is exceeded.
Power Bandwidth: The power bandwidth of an audio ampli-
fier is the frequency range over which the amplifier voltage
gain does not fall below 0.707 of the flat band voltage gain
specified for a given load and output power.
Power bandwidth also can be measured by the frequencies
at which a specified level of distortion is obtained while the
amplifier delivers a power output 3 dB below the rated out-
put. For example, an amplifier rated at 60W with
≤ 0.25%
THD + N, would make its power bandwidth measured as the
difference between the upper and lower frequencies at which
0.25% distortion was obtained while the amplifier was deliv-
ering 30W.
Gain-Bandwidth Product: The Gain-Bandwidth Product is
a way of predicting the high-frequency usefulness of an op
amp. The Gain-Bandwidth Product is sometimes called the
unity-gain frequency or unity-gain cross frequency because
the open-loop gain characteristic passes through or crosses
unity gain at this frequency. Simply, we have the following re-
lationship: A
CL1 xf1 = ACL2 xf2
Assuming that at unity-gain (A
CL1 = 1 or (0 dB)) fu = fi =
GBWP, then we have the following: GBWP = A
CL2 xf2
This says that once fu (GBWP) is known for an amplifier,
then the open-loop gain can be found at any frequency. This
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com