Electronic Components Datasheet Search
  English  ▼

X  

DF61Y Datasheet(PDF) 1 Page - Hirose Electric

Part # DF61Y
Description  Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF61Y Datasheet(HTML) 1 Page - Hirose Electric

  DF61Y Datasheet HTML 1Page - Hirose Electric DF61Y Datasheet HTML 2Page - Hirose Electric DF61Y Datasheet HTML 3Page - Hirose Electric DF61Y Datasheet HTML 4Page - Hirose Electric DF61Y Datasheet HTML 5Page - Hirose Electric DF61Y Datasheet HTML 6Page - Hirose Electric DF61Y Datasheet HTML 7Page - Hirose Electric DF61Y Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
2016.12
Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF61Y Series
■Features
1. Proprietary ViSe Lock design
The lock on the cable side has been strengthened
with our proprietary ViSe Lock mechanism*,
preventing cables from being easily disconnected
due to tough routing or an excessive load. (*ViSe
lock : Vertical-insertion Swing-extraction) (Fig.1)
※Patent pending
2. Improved operation through vertical
mating
Eliminates wasted board space : Vertical insertion
eliminates the board space required for horizontal
mating and enhances assembly (Enhanced PCB
design freedom) (Fig.2)
3. Small-sized and low profile, with high
withstanding voltage and current
(H=2mm, 24AWG : 4A Max)
In spite of the small size on a 2.2mm contact pitch,
high voltage of 350V is achieved by ensuring
creepage distance. Using high conductivity material
for the socket contact and lowering contact resistance
through optimized contact force, high-current
capability is realized.
4. High heat-resistance
Operating temperature limit of 105°C.
5. Halogen-free
Use of chlorine or bromine are within standards
values.
*As defined by IEC61249-2-21
Br 900ppm max, Cl 900ppm max,
Br+Cl 1,500ppm max
Diagram to explain the ViSe Locking Design
Long creepage distance
Insertion operation is similar to vertical mating. However, the
contact is actually inserted at an angle, and ensures high retention
force in upper direction. (Cable tensile strength : A minimum of 10N)
Before mating
After mating
Improved operation through vertical mating
and reduced wasted space
Capable of mounting other components
(Enhanced PCB designing freedom)
Wasted space
Contact separation
Creepage distance is achieved by
providing a housing wall between contacts.
Difficult insertion caused by inability to
visually locating the mating port
Improved insertion. Mating port visually
locates from above
Vertical mating type
Horizontal mating type
Fig.1
Fig.2
Fig.3


Similar Part No. - DF61Y

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF61 HIROSE-DF61 Datasheet
1Mb / 8P
Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF61-2226SCF HIROSE-DF61-2226SCF Datasheet
1Mb / 8P
Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF61-2628SCF HIROSE-DF61-2628SCF Datasheet
1Mb / 8P
Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF61-2P-22V HIROSE-DF61-2P-22V Datasheet
1Mb / 8P
Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF61-2S-22C HIROSE-DF61-2S-22C Datasheet
1Mb / 8P
Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
More results

Similar Description - DF61Y

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7109 NJRC-NJU7109 Datasheet
176Kb / 7P
LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7119 NJRC-NJU7119 Datasheet
178Kb / 10P
LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
logo
Hirose Electric
DF61 HIROSE-DF61 Datasheet
1Mb / 8P
Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
logo
New Japan Radio
NJU7109F3-TE1 NJRC-NJU7109F3-TE1 Datasheet
149Kb / 8P
LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
logo
Hirose Electric
DF57 HIROSE-DF57_17 Datasheet
308Kb / 8P
Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com