Electronic Components Datasheet Search
  English  ▼

X  

DF61Y Datasheet(PDF) 4 Page - Hirose Electric

Part # DF61Y
Description  Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF61Y Datasheet(HTML) 4 Page - Hirose Electric

  DF61Y Datasheet HTML 1Page - Hirose Electric DF61Y Datasheet HTML 2Page - Hirose Electric DF61Y Datasheet HTML 3Page - Hirose Electric DF61Y Datasheet HTML 4Page - Hirose Electric DF61Y Datasheet HTML 5Page - Hirose Electric DF61Y Datasheet HTML 6Page - Hirose Electric DF61Y Datasheet HTML 7Page - Hirose Electric DF61Y Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
DF61Y Series●Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
■Crimp socket
Part No.
HRS No.
Packaging
Quantity
Finish
DF65-2428SCF
666-6003-2 00
Reel (Note 1)
18,000
Tin plated
Note 1 : This product is delivered in 18,000 pieces per reels. Please place orders in multiples of 18,000 pieces.
●Applicable wire (Tin plated annealed copper wire)
Wire size
(Stranded wire conductor)
Jacket outer diameter
Recommended cable
Strip length
24AWG (11/Ø0.16mm)
Ø1.11mm
UL10368
1.4 to 1.8mm
26AWG (7/Ø0.16mm)
Ø0.98mm
28AWG (7/Ø0.127mm)
Ø0.88mm
Note 1 : When using other than the recommended wire, contact your nearest Hirose sales representative.
Note 2 : The strip length is a reference value. Please make adjustments so finished crimps will meet the specified values.
Refer to the crimping quality standards (ATAD-H0733-00) for details.
1.77
1.9
4.4
3.84
1.55
2.2
1.07
1.15
0.92
1.45
4.5
2.95
Ø1.2
■Tools
Type
Part No.
HRS No.
Applicable contact
Applicator
AP105-DF65-2428S
901-4630-0 00
DF65-2428SCF
Press
CM-105C
901-0001-0 00
Hand crimping tool
HT305/DF65-2428S
550-0306-8 00
Contact extraction tool
DF-C-PO(B)
550-0179-2 00
Note : If any trouble has occurred due to tools other than the designated tool, Hirose bears no respoisibility for any trouble.
■Crimp contact
Part No.
HRS No.
No. of Contacts
Color
[Specification Number]**
DF61Y-2S-2.2C (13)
666-5101-6 13
2
Natural
(13) : 1,000 pcs/pack
Note : Each package contains 1,000 pcs/pack. Please order in full package quantities.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com