Electronic Components Datasheet Search
  English  ▼

X  

DRV593 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV593
Description  3−A HIGH−EFFICIENCY PWM POWER DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV593 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV593 Datasheet HTML 5Page - Texas Instruments DRV593 Datasheet HTML 6Page - Texas Instruments DRV593 Datasheet HTML 7Page - Texas Instruments DRV593 Datasheet HTML 8Page - Texas Instruments DRV593 Datasheet HTML 9Page - Texas Instruments DRV593 Datasheet HTML 10Page - Texas Instruments DRV593 Datasheet HTML 11Page - Texas Instruments DRV593 Datasheet HTML 12Page - Texas Instruments DRV593 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DRV593
DRV594
SLOS401A - SEPTEMBER 2002 REVISED - OCTOBER 2002
www.ti.com
9
TYPICAL CHARACTERISTICS
Gain
Phase
Figure 10
0
1
2
3
4
-80
-70
-60
-50
-40
-30
-20
-10
0
10
f - Frequency - Hz
DRV593
CLOSED LOOP RESPONSE
VDD = 5 V
No Load
10
100
1k
10k
100k
Figure 11
0
2
4
6
8
10
12
14
16
10
100
1 k
10 k
100 k
-70
-60
-50
-40
-30
-20
-10
0
10
Gain
Phase
f - Frequency - Hz
DRV594
CLOSED LOOP RESPONSE
VDD = 5 V
No Load
10
100
1k
10k
100k
Figure 12
-80
-70
-60
-50
-40
-30
-20
-10
0
10
f - Frequency - Hz
DRV593
CLOSED LOOP RESPONSE
Gain
Phase
0
1
2
3
4
VDD = 3.3 V
No Load
0
2
4
6
8
10
12
14
16
10
100
1 k
10 k
100 k
-70
-60
-50
-40
-30
-20
-10
0
10
Gain
Phase
f - Frequency - Hz
DRV594
CLOSED LOOP RESPONSE
VDD = 3.3 V
No Load
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com