Electronic Components Datasheet Search
  English  ▼

X  

DRV593 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV593
Description  3−A HIGH−EFFICIENCY PWM POWER DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV593 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV593 Datasheet HTML 7Page - Texas Instruments DRV593 Datasheet HTML 8Page - Texas Instruments DRV593 Datasheet HTML 9Page - Texas Instruments DRV593 Datasheet HTML 10Page - Texas Instruments DRV593 Datasheet HTML 11Page - Texas Instruments DRV593 Datasheet HTML 12Page - Texas Instruments DRV593 Datasheet HTML 13Page - Texas Instruments DRV593 Datasheet HTML 14Page - Texas Instruments DRV593 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DRV593
DRV594
SLOS401A - SEPTEMBER 2002 REVISED - OCTOBER 2002
www.ti.com
11
APPLICATION INFORMATION
PULSE-WIDTH MODULATION SCHEME FOR DRV593 AND DRV594
The pulse-width modulation scheme implemented in the DRV593 and DRV594 eliminates one-half of the full output
filter previously required for PWM drivers. The DRV593 and DRV594 require only one inductor and capacitor for the
output filter. The H/C outputs determine the direction of the current and do not switch back and forth. The PWM outputs
switch to produce a voltage across the load that is proportional to the input control voltage.
COOLING MODE
Figure 18 shows the DRV593 and DRV594 in cooling mode. The H/C outputs (pins 14 - 17) are at ground and the
PWM outputs (pins 24 - 27) create a voltage across the load that is proportional to the input voltage.
The differential voltage across the load is determined using equation (1) and the duty cycle using equation (2). The
differential voltage is defined as the voltage measured after the filter on the PWM output relative to the H/C output.
V
Load +
D
V
DD
D
+
Av VIN)–VIN–
V
DD
where
D
duty cycle of the PWM signal
Av
Gain of DRV593/594 (DRV593: 2.3 V/V, DRV594: 14.5 V/V)
VIN+
Positive input terminal of the DRV593/594
VIN-
Negative input terminal of the DRV593/594
VDD
Power supply voltage
For example, a 50% duty cycle, shown in Figure 18, results in 2.5 V across the load for VDD = 5 V.
H/C
PWM
Load
Voltage
VDD
VDD
VDD
VDD/2
0
0
0
Figure 18. Cooling Mode
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com