Electronic Components Datasheet Search
  English  ▼

X  

DRV593VFP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DRV593VFP
Description  3−A HIGH−EFFICIENCY PWM POWER DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV593VFP Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV593VFP Datasheet HTML 8Page - Texas Instruments DRV593VFP Datasheet HTML 9Page - Texas Instruments DRV593VFP Datasheet HTML 10Page - Texas Instruments DRV593VFP Datasheet HTML 11Page - Texas Instruments DRV593VFP Datasheet HTML 12Page - Texas Instruments DRV593VFP Datasheet HTML 13Page - Texas Instruments DRV593VFP Datasheet HTML 14Page - Texas Instruments DRV593VFP Datasheet HTML 15Page - Texas Instruments DRV593VFP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
DRV593
DRV594
SLOS401A - SEPTEMBER 2002 REVISED - OCTOBER 2002
www.ti.com
12
HEATING MODE
Figure 19 shows the DRV593 and DRV594 in heating mode. The H/C output is at VDD and the PWM output is
proportional to the voltage across the load.
The differential voltage across the load is determined using equation (3). The variables are the same as used
previously for equations (1) and (2).
V
Load +
–(1–D)
V
DD
For example, a 50% duty cycle, shown in Figure 19, results in - 2.5 V across the load for VDD = 5 V. The differential
voltage across the load is defined as the voltage measured after the filter on the PWM output relative to the H/C output.
H/C
PWM
Load
Voltage
-VDD
VDD
VDD
-VDD/2
0
0
0
Figure 19. Heating Mode
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com