Electronic Components Datasheet Search
  English  ▼

X  

DRV593VFP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV593VFP
Description  3−A HIGH−EFFICIENCY PWM POWER DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV593VFP Datasheet(HTML) 3 Page - Texas Instruments

  DRV593VFP Datasheet HTML 1Page - Texas Instruments DRV593VFP Datasheet HTML 2Page - Texas Instruments DRV593VFP Datasheet HTML 3Page - Texas Instruments DRV593VFP Datasheet HTML 4Page - Texas Instruments DRV593VFP Datasheet HTML 5Page - Texas Instruments DRV593VFP Datasheet HTML 6Page - Texas Instruments DRV593VFP Datasheet HTML 7Page - Texas Instruments DRV593VFP Datasheet HTML 8Page - Texas Instruments DRV593VFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DRV593
DRV594
SLOS401A - SEPTEMBER 2002 REVISED - OCTOBER 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured differentially)
VI = VDD/2,
IO = 0 A
14
100
mV
|IIH|
High-level input current
VDD = 5.5V,
VI = VDD
1
µA
|IIL|
Low-level input current
VDD = 5.5V,
VI = 0 V
1
µA
Vn
Integrated output noise voltage
f = <1 Hz to 10 kHz
40
µV
V
Common mode voltage range
VDD = 5 V
1.2
3.8
V
VICM
Common-mode voltage range
VDD = 3.3 V
1.2
2.1
V
A
Closed loop voltage gain
DRV593
2.1
2.3
2.6
V/V
Av
Closed-loop voltage gain
DRV594
13.7
14.5
15.3
V/V
Full power bandwidth
60
kHz
V
Voltage output (measured differentially)
IO = ±1 A, rds(on) = 65 mΩ, VDD = 5 V
4.87
V
VO
Voltage output (measured differentially)
IO = ±3 A, rds(on) = 65 mΩ, VDD = 5 V
4.61
V
VDD = 5 V, IO = 4 A,
High side
25
60
95
m
Ω
r
Drain source on state resistance
VDD = 5 V, IO = 4 A,
TA = 25°C
Low side
25
65
95
m
Ω
rDS(on)
Drain-source on-state resistance
VDD = 3.3 V, IO = 4 A,
High side
25
80
140
m
Ω
VDD = 3.3 V, IO = 4 A,
TA = 25°C
Low side
25
90
140
m
Ω
Maximum continuous current output
3
A
Status flag output pins (FAULT0, FAULT1)
Fault active (open drain output)
Sinking 200
µA
0.1
V
Et
al l
k f
a
For 500 kHz operation
225
250
300
kH
External clock frequency range
For 100 kHz operation
45
50
55
kHz
I
Qi
t
t
VDD = 5 V, No load or filter
4
12
A
Iq
Quiescent current
VDD = 3.3 V, No load or filter
2.5
8
mA
Iq(SD)
Quiescent current in shutdown mode
VDD = 5 V, SHUTDOWN = 0.8 V
0
40
80
µA
Output resistance in shutdown
SHUTDOWN = 0.8 V
1
2
k
Ω
Power-on threshold
1.7
2.8
V
Power-off threshold
1.6
2.6
V
Thermal trip point
FAULT0 active
115
°C
Thermal shutdown
Power off
150
°C
ZI
Input impedance (IN+, IN-)
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com