Electronic Components Datasheet Search
  English  ▼

X  

DS1371 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1371
Description  2-Wire, 32-Bit Binary Counter Watchdog Clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1371 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1371 Datasheet HTML 6Page - Maxim Integrated Products DS1371 Datasheet HTML 7Page - Maxim Integrated Products DS1371 Datasheet HTML 8Page - Maxim Integrated Products DS1371 Datasheet HTML 9Page - Maxim Integrated Products DS1371 Datasheet HTML 10Page - Maxim Integrated Products DS1371 Datasheet HTML 11Page - Maxim Integrated Products DS1371 Datasheet HTML 12Page - Maxim Integrated Products DS1371 Datasheet HTML 13Page - Maxim Integrated Products DS1371 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DS1371
13 of 14
Figures 6 and 7 detail how data transfer is accomplished on the 2-wire bus. Depending upon the state of
the R/W bit, two types of data transfer are possible:
Data transfer from a master transmitter to a slave receiver. The first byte transmitted by the master is
the slave address. Next follows a number of data bytes. The slave returns an acknowledge bit after each
received byte.
Data transfer from a slave transmitter to a master receiver. The first byte (the slave address) is
transmitted by the master. The slave then returns an acknowledge bit. Next follows a number of data
bytes transmitted by the slave to the master. The master returns an acknowledge bit after all received
bytes other than the last byte. At the end of the last received byte, a “not acknowledge” is returned.
The master device generates all of the serial clock pulses and the START and STOP conditions. A
transfer is ended with a STOP condition or with a repeated START condition. Since a repeated START
condition is also the beginning of the next serial transfer, the bus is not released.
The DS1371 can operate in the following two modes:
Slave receiver mode (DS1371 write mode). Serial data and clock are received through SDA and SCL.
After each byte is received, an acknowledge bit is transmitted. START and STOP conditions are
recognized as the beginning and end of a serial transfer. Address recognition is performed by hardware
after reception of the slave address and direction bit. The slave address byte is the first byte received after
the START condition is generated by the master. The slave address byte contains the 7-bit DS1371
address, which is 1101000, followed by the direction bit (R/W), which for a write is a 0. After receiving
and decoding the slave address byte the DS1371 outputs an acknowledge on SDA. After the DS1371
acknowledges the slave address + write bit, the master transmits a word address to the DS1371. This sets
the register pointer on the DS1371, with the DS1371 acknowledging the transfer. The master may then
transmit zero or more bytes of data, with the DS1371 acknowledging each byte received. The register
pointer increments after each byte is transferred. The master generates a STOP condition to terminate the
data write.
Slave transmitter mode (DS1371 read mode). The first byte is received and handled as in the slave
receiver mode. However, in this mode, the direction bit indicates that the transfer direction is reversed.
Serial data is transmitted on SDA by the DS1371 while the serial clock is input on SCL. START and
STOP conditions are recognized as the beginning and end of a serial transfer. Address recognition is
performed by hardware after reception of the slave address and direction bit. The slave address byte is the
first byte received after the START condition is generated by the master. The slave address byte contains
the 7-bit DS1371 address, which is 1101000, followed by the direction bit (R/W), which for a read is a 1.
After receiving and decoding the slave address byte, the DS1371 outputs an acknowledge on SDA. The
DS1371 then begins to transmit data starting with the register address pointed to by the register pointer. If
the register pointer is not written to before the initiation of a read mode the first address that is read is the
last one stored in the register pointer. The DS1371 must receive a “not acknowledge” to end a read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com