Electronic Components Datasheet Search
  English  ▼

X  

DS1371 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1371
Description  2-Wire, 32-Bit Binary Counter Watchdog Clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1371 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1371 Datasheet HTML 1Page - Maxim Integrated Products DS1371 Datasheet HTML 2Page - Maxim Integrated Products DS1371 Datasheet HTML 3Page - Maxim Integrated Products DS1371 Datasheet HTML 4Page - Maxim Integrated Products DS1371 Datasheet HTML 5Page - Maxim Integrated Products DS1371 Datasheet HTML 6Page - Maxim Integrated Products DS1371 Datasheet HTML 7Page - Maxim Integrated Products DS1371 Datasheet HTML 8Page - Maxim Integrated Products DS1371 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS1371
2 of 14
ABSOLUTE MAXIMUM RATINGS
Voltage Range on VCC Pin Relative to Ground
-0.3V to +6.0V
Voltage Range on SDA, SCL, and WDS Relative to Ground
-0.3V to VCC +0.5V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020A
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating conditions for extended periods can affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Supply Voltage (Note 1)
VCC
1.7
3.3
5.5
V
Input Logic 1 (Notes 2, 3)
VIH
0.7 VCC
VCC + 0.3
V
Input Logic 0 (Notes 2, 3)
VIL
-0.3
0.3VCC
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 1.7V to 5.5V, TA = -40°C to +85°C, unless otherwise noted.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage (Note 1)
VCC
1.7
5.5
V
Oscillator Operating Voltage
Range (Note 1)
VOSC
1.3
5.5
V
Input Leakage
ILI
(Note 2)
1
mA
I/O Leakage
ILO
(Note 3)
1
mA
VCC > 2V; VOL = 0.4V
SDA Logic 0 Output (Note 1)
IOLSDA
VCC < 2V; VOL = 0.2VCC
3
mA
VCC > 2V; VOL = 0.4V
3.0
1.7V < VCC < 2V;
VOL = 0.2VCC
3.0
mA
SQW/INT Logic 0 Output
(Note 1)
IOLSQW
1.3V < VCC < 1.7V;
VOL = 0.2VCC
250
mA
Active Supply Current
ICCA
(Note 5)
100
150
mA
Timekeeping Current
(Oscillator Enabled, INTCN = 1)
IOSC0
(Notes 6, 7)
800
nA
Timekeeping Current
(Oscillator Enabled, INTCN = 0)
IOSC1
(Notes 6, 7)
1300
nA
Data Retention Current
(Oscillator Disabled)
IDDR
(Note 6)
50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com