Electronic Components Datasheet Search
  English  ▼

X  

S86R Datasheet(PDF) 1 Page - Tyco Electronics

Part # S86R
Description  Variety of mounting styles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

S86R Datasheet(HTML) 1 Page - Tyco Electronics

  S86R Datasheet HTML 1Page - Tyco Electronics S86R Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
807
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Coil Data
S86R/S87R series
Low Cost
20 Amp
Industrial Relays
File E22575
File LR15734
Features
• Low cost.
• Contact forms to 2 Form C.
• Applications include spa controls, vending machines, HVAC, and
machine tool controls.
• Variety of mounting styles.
Contact Data @ 25°C
S86R and S87R: 20 amps @ 277VAC; 60 LRA, 12 FLA, 1 HP @
125VAC;
48 LRA, 8 FLA @ 240VAC; 2 HP @ 250VAC; Pilot
Duty,
360VA @ 125/250VAC.
Materials: Silver and silver-cadmium oxide.
Expected Life: 1 million operations, mechanical; 50,000 operations at
rated loads.
Coil Data @ 25°C
Nominal Power:
S86R: 4.0VA for AC models.
S87R: 2.9 Watts for single pole DC models.
4.5 Watts for double pole DC models.
4.0VA for AC models.
Insulation: Class B (130°C).
Initial Dielectric Strength
Initial Breakdown Voltage: 1,560V rms, 60 Hz.
Environmental Data
Temperature Range: -10°C to +65°C.
Operate Data
Must Operate Voltage:
DC Coils: 75% of nominal voltage @ +25°C.
AC Coils: 85% of nominal voltage @ +25°C.
Operating Position: Relay is designed for operation with plunger either
vertical or horizontal; however, the relay is not
designed for operation in an upside-down position.
S86R
S87R
Mounting
Mounting
Style 1
Style 2
Nominal
Coil Resistance (Ohms)
Nominal
Coil
AC, ± 15%
Coil Current (mA)
Voltage
DC, ± 10%
@ 25°C*
S86R &
S87R (AC)
All Models
All Models
12VAC
8.0
330
24VAC
32
165
120VAC
800
33.0
240VAC
3,200
16.5
Single
Double
Single
Double
S87R (DC)
Pole
Pole
Pole
Pole
Models
Models
Models
Models
6VDC
12.5
8
480
750
12VDC
50
32
240
375
24VDC
200
128
120
188
36VDC
450
288
80
125
48VDC
800
512
60
94
72VDC
1,800
1,150
40
63
125VDC
5,425
3,470
23
36
*Increase AC current values by 25% for mounting style 2 with single switch.
Users should thoroughly review the technical data before selecting a product
part number. It is recommended that users also seek out the pertinent approvals
files of the agencies/laboratories and review them to ensure the product meets
the requirements for a given application.


Similar Part No. - S86R

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
S860040675011 WURTH-S860040675011 Datasheet
835Kb / 8P
WCAP-ATUL Aluminum Electrolytic Capacitors
001.002
logo
Vishay Siliconix
S860T VISHAY-S860T Datasheet
67Kb / 5P
BIPMIC - Cascadable Silicon Bipolar Amplifier
20-Jan-99
logo
Wurth Elektronik GmbH &...
S861011784003 WURTH-S861011784003 Datasheet
1,003Kb / 10P
WCAP-AIG8 Aluminum Electrolytic Capacitors
002.000
logo
Hamamatsu Corporation
S8611 HAMAMATSU-S8611 Datasheet
148Kb / 4P
Low bias operation, for 800 nm band
S8611 HAMAMATSU-S8611 Datasheet
152Kb / 4P
Si APD Low bias operation, for 800 nm band
More results

Similar Description - S86R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX670 OMRON-EE-SX670 Datasheet
182Kb / 8P
Photomicrosensor with Dark-ON Indicator in Variety of Mounting Styles
logo
ITT Industries
DENG9P-P1 ITT-DENG9P-P1 Datasheet
10Mb / 302P
The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
Wide selection of termination and mounting styles
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
Wide variety of reflectors available
logo
Aries Electronics, Inc.
625 ARIES-625 Datasheet
937Kb / 1P
Available in either Screw Machine or Coined Contacts in a Variety of Styles
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
For a variety of applications
2202096 PHOENIX-2202096 Datasheet
52Kb / 2P
Variety of connection technologies
logo
Omron Electronics LLC
2JCIE-BL01 OMRON-2JCIE-BL01 Datasheet
393Kb / 8P
Sense a variety of environmental information
2JCIE-BU OMRON-2JCIE-BU Datasheet
237Kb / 5P
Sense a variety of environmental information
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
25W Variety of Models
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com