Electronic Components Datasheet Search
  English  ▼

X  

S86R Datasheet(PDF) 2 Page - Tyco Electronics

Part # S86R
Description  Variety of mounting styles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

S86R Datasheet(HTML) 2 Page - Tyco Electronics

  S86R Datasheet HTML 1Page - Tyco Electronics S86R Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
808
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
S87R11A2B1D1-24
S87R11A2B1D1120
S86R (2 pole shown) Style 1
S87R (2 pole shown) Style 2
Outline Dimensions
S86R5A1B1D1-120
S86R11A1B1D1120
S86R11D1B1D1-12
S87R5A2B1D1-120
S87R5A2B1D1-240
S87R5D2B1D1-24
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Ordering Information
2.42 MAX.
(61.47)
COIL TERMINAL
LOCATION #1
2.60 MAX.
(66.04)
2.00 MAX.
(50.80)
COIL TERMINAL
LOCATION #2
1.92 MAX.
(48.77)
1.568 REF.
(39.83)
MTG. HOLES (3)
.07 DEEP
.156
± .005 DIA.
(3.96
± .13)
1.480
± .010
(37.59
± .25)
.280
± .005
(5.46
± .13)
.375
± .005
(9.53
± .13)
2.42 MAX.
(61.5)
MTG.
BOSS
.380
(9.65)
.614
± .03
(15.60
± .76)
1.20 MAX.
(30.5)
2.07 MAX.
(52.6)
.188
(4.78)
.166 DIA.
(4.22)
(1) MTG. HOLE
.940 MAX.
(23.88)
.035
(.89)
.158-.161 DIA.
(4.01-4.09)
1.62 MAX.
(41.1)
.312
(7.92)
.066 D.
(1.68)
.250
(6.35)
Switch Terminal Style
.250" (6.35mm) Quick Connect
Switch Terminal Configuration
Style 1
COM.
WITH COIL
DEENERGIZED
N.C.
N.O.
S87R11A2B1D1240
S87R11D2B1D1-110
Typical Part No.
B
S86R
5
A
1
B
1
D
1
-120
1. Basic Series:
S86R = Standard relay with AC coil, 20 Amp contacts.
S87R = Standard relay with AC or DC coil, 20 Amp contacts.
2. Contact Arrangement:
5 = SPDT
7 = DPST-NO
11 = DPDT
3. Coil Input:
A = AC (available on S86R and S87R)
D = DC (available on S87R only)
4. Mounting Style:
S86:
S87:
(See outline dimensions)
1 = Style 1
2 = Style 2
5. Coil Terminal Style:
B = .250" (6.35mm) Quick-connect/solder.
6. Coil Terminal Location (S86):
Coil Terminal Location (S87):
1 = Same side as switch terminals.
1 = Located perpendicular to switch terminals.
7. Switch Terminal Style:
D = .250" (6.35mm) Quick-connect/solder.
8. Switch Terminal Configuration:
1 = Style 1
9. Coil Voltage:
AC coils to 240VAC, 50/60 Hz.
DC coils to 125VDC.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com