Electronic Components Datasheet Search
  English  ▼

X  

T75 Datasheet(PDF) 1 Page - Tyco Electronics

Part # T75
Description  High sensitivity ??nominal coil power requirement is as low as 212mW.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T75 Datasheet(HTML) 1 Page - Tyco Electronics

  T75 Datasheet HTML 1Page - Tyco Electronics T75 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
414
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03 (PDF Revised 8-06)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
File E29244
File No. 3919
Sensitive, Low Profile, Hi-Current
Relay Designed to Meet
International Standards
Mechanical Data
Termination: Printed circuit terminals.
Enclosures: Wash tight (washable) case.
Weight: 0.39 oz. (11.0g) approximately.
Initial Dielectric Strength
Between Open Contacts: 1,000V rms.
Between Contacts and Coil: 4,000V rms, 8mm.
T75 series
10 Amp, PC Board
Miniature Relay
Coil Data
Voltage: 3 to 60VDC.
Maximum Power @ 23
°C: 1W.
Nominal Power @ 23
°C: 230mW, typ.
Temperature Rise: 85C
° per Watt.
Duty Cycle: Continuous.
Operate Data @ 23
°C
Must Operate Voltage: 70% of nom. voltage or less.
Must Release Voltage: 10% of nom. voltage or more.
Operate Time (Excluding Bounce): 6 ms, typ., at nom. voltage.
Release Time (Excluding Bounce): 2.5 ms, typ., at nom. voltage.
Maximum Switching Rate: 20 operations/second.
Maximum Continuous Operating Voltage: 225% of nom. voltage.
Coil Data
Features
• High sensitivity – nominal coil power requirement is as low as 212mW.
• Low profile, .591 in. (15mm) tall case uses only .465 in2 (3cm2) of area on the
printed circuit board, permitting high density circuit design.
• Power switching capability – contacts rated 10 amps in 1 Form A (SPST-NO) or 1
Form C (SPDT) arrangements.
• Designed to meet UL, CSA, VDE, SEMKO and SEV requirements.
• Designed to meet VDE 8mm spacing, 4kV dielectric, coil to contacts.
• Designed to meet 3 mm creepage between contacts.
• Conforms to:
VDE 0110 – Insulation Group C (250V)
VDE 435 Part 201 – High current applications
VDE 0804 – Telecommunications equipment
VDE 0631 – Temperature controllers and limiters
VDE 0700 – Household appliances
VDE 0805/5.90 – Office machines
• Wash tight (washable).
• Well suited for a broad range of applications e.g. HVAC, appliances,
security and industrial control.
Contact Ratings @ 25
°C with relay properly vented.
Remove vent nib after soldering and cleaning.
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: Silver-cadmium oxide.
Expected Mechanical Life: 10 million operations.
Expected Electrical Life:
100,000 operations at 8 amps, 240VAC.
50,000 operations at 14 amps NO / 5 amps NC, 120VAC Res.
30,000 operations at 7.2 FLA, 45 LRA, 120VAC.
10,000 operations at 5 FLA, 30 LRA, 240VAC.
30,000 operations at B300 pilot duty (360VA, 240VAC; 470VA, 120VAC).
Contact Ratings (See Figure 1):
Maximum Switched Voltage: 380VAC.
Maximum Switched Current: 14/5 (N.O./N.C.) amps, AC resistive;
8 amps DC (see Fig. 1)
Maximum Switched Power: 200W, DC; 2,000VA, AC.
Minimum Required Contact Load: 12V, 100mA.
VDE Contact Ratings: 8 amps, 250VAC.
UL Contact Ratings: 10 amps, 240VAC; 8 amps 24VDC;
1/3 HP, 120VAC; 1/2 HP, 240VAC.
.1
1
10
100
10
100
20
0 W
10
0 W
200
300
50
40
30
20
25
W
Switching Current (Amps DC)
50
W
ENVIRONMENTAL DATA
Temperature Range
Storage: -40
°C to +130°C.
Operating: -40
°C to +85°C.
DC
Must
Nominal
Nominal
Resistance
Operate
Coil
Voltage
in Ohms
Voltage
Current
±10%
(mA)
3
40
2.1
75.0
5
118
3.4
42.4
6
165
4.1
36.4
DC
9
365
6.1
24.7
Coils
12
650
8.2
18.5
18
1,455
12.3
12.4
24
2,270
16.3
10.6
36
5,460
24.5
6.4
48
8,790
32.6
5.5
60
15,265
40.8
3.9
Figure 1 - DC Switching Load Limit Curve
Users should thoroughly review the technical data before selecting a product part number. It
is recommended that user also seek out the pertinent approvals files of the agencies/
laboratories and review them to ensure the product meets the requirements for a given
application.


Similar Part No. - T75

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
T75 EUROQUARTZ-T75 Datasheet
130Kb / 1P
Rugged construction HCMOS/Sinewave 7 x 5 x 2mm SMD
logo
List of Unclassifed Man...
T75-24C3 ETC2-T75-24C3 Datasheet
490Kb / 2P
C L A S S 2 T R ANS FORME R S
logo
Infineon Technologies A...
T75.26K0 INFINEON-T75.26K0 Datasheet
81Kb / 2P
Gate leads for MP disc devices Zubehör Date
2013-10-01 Revision: 3.1
logo
Intel Corporation
T7500 INTEL-T7500 Datasheet
1Mb / 87P
Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
logo
E-SWITCH
T750000 E-SWITCH-T750000 Datasheet
168Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - T75

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AR4100 FREESCALE-AR4100 Datasheet
659Kb / 29P
Low power modes consuming as little as 5 關A of current
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
High Sensitivity, with 100mW nominal operating power
logo
Renesas Technology Corp
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
logo
PHOENIX CONTACT
2130004 PHOENIX-2130004 Datasheet
201Kb / 6P
UHV 25-AS/AS
2130017 PHOENIX-2130017 Datasheet
182Kb / 6P
UHV 50-AS/AS
2130046 PHOENIX-2130046 Datasheet
181Kb / 6P
UHV240-AS/AS
logo
Linear Technology
LTC4276 LINER-LTC4276 Datasheet
393Kb / 26P
Auxiliary Power Support as Low as 9V
logo
Shenzhen Huazhimei Semi...
HM3400A HMSEMI-HM3400A Datasheet
696Kb / 7P
1.0MHz, input voltage as low as 0.85V low power synchronous boost converter
logo
List of Unclassifed Man...
FSR400 ETC1-FSR400 Datasheet
716Kb / 4P
Actuation Force as low as 0.1N and sensitivity range to 10N
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com