Electronic Components Datasheet Search
  English  ▼

X  

T75 Datasheet(PDF) 2 Page - Tyco Electronics

Part # T75
Description  High sensitivity ??nominal coil power requirement is as low as 212mW.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T75 Datasheet(HTML) 2 Page - Tyco Electronics

  T75 Datasheet HTML 1Page - Tyco Electronics T75 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
415
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Revised 8-06)
*ON SINGLE THROW MODELS,
ONLY NECESSARY TERMINALS
ARE PRESENT.
PC Board Layouts (Bottom Views)
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
T75S5D112-05
T75S5D112-12
T75S5D112-24
Outline Dimensions
Wiring Diagram (Bottom View)
*
FORM A
1.126 MAX.
(28.6)
FORM C
1.181 MAX.
(30)
.394
(10)
.591
(15)
.150
(3.8)
CONTACT TERMINALS: .023 x .040 (.58 x 1.02) REF.
COIL TERMINALS: .024 (.61) DIA. REF.
1 Form C
1 Form A
.126
(3.2)
.126
(3.2)
.748
(19)
.110
(2.8)
.300
(7.6)
.051 DIA. TYP.
(1.3)
.197
(5)
.748
(19)
.110
(2.8)
.300
(7.6)
.051 DIA. TYP.
(1.3)
Ordering Information
Typical Part Number
B
T75
S
5
D
1
1
2
-12
1. Basic Series:
T75 = Low profile, printed circuit board relay.
2. Enclosure:
S = Wash tight (washable).
3. Contact Arrangement:
1 = 1 Form A (SPST-NO)
5 = 1 Form C (SPDT)
4. Coil Input:
D = DC voltage
5. Coil Configuration:
1 = Single coil, non-latching (monostable)
6. Mounting and Terminals:
1 = Printed circuit terminals
7. Contact Material:
2 = Silver-cadmium oxide (AgCdO)
8. Coil Voltage:
03 = 3VDC
06 = 6VDC
12 = 12VDC
24 = 24VDC
48 = 48VDC
05 = 5VDC
09 = 9VDC
18 = 18VDC
36 = 36VDC
60 = 60VDC
NOTE: All part numbers are RoHS compliant.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com