Electronic Components Datasheet Search
  English  ▼

X  

SSRD Datasheet(PDF) 1 Page - Tyco Electronics

Part # SSRD
Description  Two independent AC output solid state relays in one standard package.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SSRD Datasheet(HTML) 1 Page - Tyco Electronics

  SSRD Datasheet HTML 1Page - Tyco Electronics SSRD Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1106
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 9-04)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Sample Part Number
SSRD -240
D
1. Basic Series:
2. Line Voltage:
3. Input Type & Voltage:
SSRD = Dual output SSR - 2 SPST - NO
25
4. Maximum Switching Rating/Output:
240 = 24-280 VAC
D = 4-15 VDC
DE = 17-32 VDC
25 = .1-25A rms @ 25
°C, mounted to heatsink
40 = .1-40A rms @ 25
°C, mounted to heatsink
5. Options: Blank = Zero voltage turn-on (both outputs)
R
= Random voltage turn-on (both outputs)
Ordering Information
Engineering Data
Form: 2 Form A (2 SPST-NO).
Duty: Continuous.
Isolation: 4000V rms input-to-output;
2500V rms input or output to ground.
Capacitance: 8.0 pf typical (input to output).
Temperature Range:
Storage: –40°C to +100°C
Operating: –40°C to + 80°C
Case Material: Plastic, UL rated 94V-0.
Case and Mounting: Refer to outline dimension.
Termination: Refer to outline dimension.
Approximate Weight: 3.5 oz. (98g).
Features
• Two independent AC output solid state relays in one
standard package.
• Enhanced noise immunity (designed to meet level 3 requirements of
European EMC Directive).
• Inverse parallel SCR outputs.
• 25A rms & 40A rms versions available.
• Choose from 4-15 VDC or 17-32 VDC input control.
• Zero voltage and random voltage turn-on versions.
• 4000V rms optical isolation.
• Quick connect style terminals.
Input Specifications
Parameter
Control Voltage Range VIN
Must Release Voltage V
(Min.)
Input Current (Max.)
Units
VDC
4-15
3.75
1
34
Must Operate Voltage V
(Min.)
VDC
VDC
IN(OP)
IN(REL)
Zero V Turn-on and Random V Turn-on Units
mA DC
Input Current (Min. for On-State)
7.5
mA DC
Input Resistance
500
Ohms
17-32
17
1
24
13
1,500
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
SSRD-240D25
SSRD-240D40
File E81606
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
SSRD series
Dual AC Output “Hockey Puck”
Solid State Relay With
Paired SCR Outputs


Similar Part No. - SSRD

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SSRD TEC-SSRD Datasheet
216Kb / 2P
Inverse parallel SCR outputs
SSRD-240D25 TEC-SSRD-240D25 Datasheet
216Kb / 2P
Inverse parallel SCR outputs
SSRD-240D25R TEC-SSRD-240D25R Datasheet
216Kb / 2P
Inverse parallel SCR outputs
SSRD-240D40 TEC-SSRD-240D40 Datasheet
216Kb / 2P
Inverse parallel SCR outputs
SSRD-240D40R TEC-SSRD-240D40R Datasheet
216Kb / 2P
Inverse parallel SCR outputs
More results

Similar Description - SSRD

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PD1201 CLARE-PD1201 Datasheet
321Kb / 4P
AC Solid State Relays
PD2401 CLARE-PD2401 Datasheet
382Kb / 4P
AC Solid State Relays
PD2601 CLARE-PD2601 Datasheet
400Kb / 4P
AC Solid State Relays
logo
Crydom Inc.,
UPD2415D CRYDOM-UPD2415D Datasheet
645Kb / 4P
SIP SSR 2 Relays in one package with independent control input
ED24DX CRYDOM-ED24DX Datasheet
873Kb / 6P
AC output Solid State Relay in an Industry standard EMR plug in package
logo
Clare, Inc.
CPC1961 CLARE-CPC1961_11 Datasheet
127Kb / 7P
Dual AC Solid State Relays
PD2401 CLARE-PD2401_10 Datasheet
101Kb / 5P
AC Solid State Relays
PD2601 CLARE-PD2601_10 Datasheet
101Kb / 5P
AC Solid State Relays
logo
Tyco Electronics
SSRQ MACOM-SSRQ Datasheet
124Kb / 2P
Four independent AC output solid state relays in one standard package
logo
Crydom Inc.,
ED24D1 CRYDOM-ED24D1 Datasheet
671Kb / 6P
AC output Solid State Relay in an Industry standard EMR plug in package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com