Electronic Components Datasheet Search
  English  ▼

X  

SSRD Datasheet(PDF) 2 Page - Tyco Electronics

Part # SSRD
Description  Two independent AC output solid state relays in one standard package.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SSRD Datasheet(HTML) 2 Page - Tyco Electronics

  SSRD Datasheet HTML 1Page - Tyco Electronics SSRD Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1107
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 9-04)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Control A
VDC Input
+
–
ZERO
VOLTAGE
CIRCUIT
Output A
A1
A2
†
Control B
VDC Input
+
–
ZERO
VOLTAGE
CIRCUIT
Output B
B1
B2
†
1.750
(44.45)
.89
(22.6)
1.26
(32.0)
2.250
(57.15)
1.88
(47.75)
3 X .100
(2.54)
1.18
(30.0)
1.01
(25.65)
1.15
(29.21)
.37
(9.4)
4 X .250
(6.35)
4 X .025
(0.64)
Tolerance:
±.035 (0.88)
Outline Dimensions
Input Terminal Connectors are available from
several different manufacturers.
AMP P/N: 103976-3 or 640440-4
Methode P/N: 1300-004-422
Consult your local distributor for these or
equivalent connectors.
† Random Turn-on Units have a Random Turn-on circuit instead of Zero Voltage Circuit
Operating Diagram
Electrical Characteristics (Thermal Derating Curves)
*See Derating Curves
Parameter
Conditions
Units
Load Voltage Range V
Peak Voltage (Min.)
Thermal Resistance, Junction to Baseplate (R
) (Max.)
I t Rating
A Sec.
V rms
°C/W
V/
µs
ms
ms
Turn-Off Time (Max.)
I = Max.
θ
2
Turn-On Time (Max.)
L
L
24-280
25A Models
Single Cycle Surge Current (Max.)
Load Current Range I *
Leakage Current (Off-State) (Max.)
Static dv/dt (Off-State) (Min.)
Load Power Factor Rating
L
t = 8.3 ms
2
f = 60 Hz.
f = 60 Hz.
I = Max.
L
V = 280V rms
V peak
A rms
A peak
mA rms
On-State Voltage Drop (Max.)
V peak
8.33 for Zero Voltage Turn-On Models
<0.1 for Random Voltage Turn-On Models
500
780
0.1-25
0.1-40
550
1,041
2,435
J-B
0.1
1.4
500
0.6
0.6
8.33
L
Both Sections On
40A Models
0.5 - 1.0
Resistive
1.3
t = 1 Min.
One Second Surge Current (Max.)
A peak
150
234
f = 47 - 63 Hz.
Output Specifications (@ 25° C, unless otherwise specified)
Heatsink Recommendations
• We recommend that solid state relay modules be mounted to a
heatsink sufficient to maintain the module’s base temperature at less
than 85°C under worst case ambient temperature and load conditions.
• The heatsink mounting surface should be a smooth (30-40 micro-inch
finish), flat (30-40 micro-inch flatness across mating area), un-painted
surface which is clean and free of oxidation.
• An even coating of thermal compound (Dow Corning DC340 or
equivalent) should be applied to both the heatsink and module mounting
surfaces and spread to a uniform depth of .002” to eliminate all air
pockets.
• The module should be mounted to the heatsink using two #10 screws.
Ambient Temperature (
°C)
20
30
40
50
60
70
80
25
35
45
55
65
75
50.0
40.0
30.0
20.0
10.0
0.0
0.7
°C/W
1.0
°C/W
1.5
°C/W
2.0
°C/W
Ambient Temperature (
°C)
20
30
40
50
60
70
80
25
35
45
55
65
75
50.0
40.0
30.0
20.0
10.0
0.0
0.5
°C/W
1.0
°C/W
1.5
°C/W
2.0
°C/W
80.0
70.0
60.0
25A Units
40A Units



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com