Electronic Components Datasheet Search
  English  ▼

X  

DS4510 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS4510
Description  CPU Supervisor with Nonvolatile Memory and Programmable I/O
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4510 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS4510 Datasheet HTML 1Page - Maxim Integrated Products DS4510 Datasheet HTML 2Page - Maxim Integrated Products DS4510 Datasheet HTML 3Page - Maxim Integrated Products DS4510 Datasheet HTML 4Page - Maxim Integrated Products DS4510 Datasheet HTML 5Page - Maxim Integrated Products DS4510 Datasheet HTML 6Page - Maxim Integrated Products DS4510 Datasheet HTML 7Page - Maxim Integrated Products DS4510 Datasheet HTML 8Page - Maxim Integrated Products DS4510 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CPU Supervisor with Nonvolatile Memory and
Programmable I/O
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC, SDA, and SCL
Pins Relative to Ground.....................................-0.5V to +6.0V
Voltage Range on A0, I/O0, I/O1, I/O2, I/O3 Relative
to Ground ..............-0.5V to VCC + 0.5V, not to exceed +6.0V.
Operating Temperature Range ...........................-40
°C to +85°C
EEPROM Programming Temperature .....................0
°C to +70°C
Storage Temperature Range .............................-55
°C to +125°C
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020A Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Notes 1)
2.7
5.5
V
Input Logic 1
VIH
(Note 2)
0.7 x VCC
VCC + 0.3
V
Input Logic 0
VIL
-0.3
+0.3 x VCC
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 5.5V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DS4510U-5
4.5
4.625
4.75
DS4510U-10
4.25
4.375
4.49
VCC Trip Point
VCCTP
DS4510U-15
4.0
4.125
4.24
V
Standby Current
ISTBY
VCC = 5.0V (Note 3)
50
75
µA
Input Leakage
IL
-1.0
+1.0
µA
3mA sink current
0.4
SDA Low-Level Output Voltage
VOL
6mA sink current
0.6
V
I/OX Low-Level Output Voltage
VOLIOX
4mA sink current
0.4
V
RST Pin Low-Level Output
VOLRST
10mA sink current (Note 4)
0.4
V
I/OX Pullup Resistors
RP
4.0
5.0
6.5
k
Ω
I/O Capacitance
CI/O
(Note 5)
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com