Electronic Components Datasheet Search
  English  ▼

X  

DS4510 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS4510
Description  CPU Supervisor with Nonvolatile Memory and Programmable I/O
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4510 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS4510 Datasheet HTML 2Page - Maxim Integrated Products DS4510 Datasheet HTML 3Page - Maxim Integrated Products DS4510 Datasheet HTML 4Page - Maxim Integrated Products DS4510 Datasheet HTML 5Page - Maxim Integrated Products DS4510 Datasheet HTML 6Page - Maxim Integrated Products DS4510 Datasheet HTML 7Page - Maxim Integrated Products DS4510 Datasheet HTML 8Page - Maxim Integrated Products DS4510 Datasheet HTML 9Page - Maxim Integrated Products DS4510 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CPU Supervisor with Nonvolatile Memory and
Programmable I/O
6
_____________________________________________________________________
Detailed Description
The DS4510 contains a CPU supervisor, four program-
mable I/O pins, and a 64-byte EEPROM memory. All
functions are configurable or controllable through an
industry-standard I2C-compatible bus. DS4510 NV reg-
isters that are likely to require frequent modification are
implemented using SRAM-shadowed EEPROM (SEEP-
ROM) memory. This memory is configurable to act as
volatile SRAM or NV EEPROM by adjusting the
SEE bit
in the Config register. Configuring the SEEPROM as
SRAM eliminates the EEPROM write time and allows
infinite write cycles to these registers. Configuring the
registers as EEPROM allows the application to change
the power-on values that are recalled during power-up.
Programmable CPU Supervisor
The timeout period is adjusted by writing the reset
delay register (SEEPROM). The delay for each setting
is shown in the CPU Supervisor AC Electrical
Characteristics. If the
SEE bit is set, changes are writ-
ten to SRAM. On power-up the last value written to the
EEPROM is recalled. The I2C bus is also used to acti-
vate the
RST by setting the SWRST bit in the Config
register. This bit automatically returns to zero after the
timeout period. The Config register also contains the
ready, trip point, and reset status bits. The ready bit
determines if the power-on reset level of the DS4510 is
surpassed by VCC. The trip point bit determines if VCC
is above VCCTP, and the reset status bit is set if RST is
in its active state.
Note: The
RST pin is an open-drain output, therefore an
external pullup resistor must be used to realize high
logic levels.
Programmable NV Digital I/O Pins
Each programmable I/OX pin contains an input, open-
collector output, and a selectable internal pullup resis-
tor. The DS4510 stores changes to the I/OX pin in
SEEPROM memory. Using the SEEPROM as SRAM is
conducive to applications such as I/O expansion that
generally require fast access times and frequent modi-
fication of the I/OX pin. Configuring the SEEPROM to
behave as EEPROM allows the modification of the
power-on state of the I/OX pin. During power-up the
I/OX pins are high impedance until VCC exceeds 2.0V
(typically), which is when the last value programmed is
recalled from EEPROM. On power-down, the I/OX state
is maintained until VCC drops below 1.9V (typically).
The internal pullups for each I/OX pin are controlled by
the pullup-enable register (F0h). Similarly, the individual
I/OX control registers (F4h to F7h) adjust the pulldown
INTERNAL
VOLTAGE
REFERENCE
VCC
VCC
VCC
VCC
2-WIRE
INTERFACE
EEPROM
64 BYTES
USER
MEMORY
PROGRAMMABLE
RESET
TIMER
SCL
SDA
A0
GND
RP
4 NV
I/O PINS
4 BIDIRECTIONAL
NONVOLATILE I/O LATCHES
PULLUP ENABLE (F0h)
I/OX CONTROL (F4h-F7h)
I/O STATUS (F8h)
4x
RST
DS4510
Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com