Electronic Components Datasheet Search
  English  ▼

X  

IDT7019L Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7019L
Description  HIGH-SPEED 128K x 9 DUAL-PORT STATIC RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7019L Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7019L Datasheet HTML 1Page - Integrated Device Technology IDT7019L Datasheet HTML 2Page - Integrated Device Technology IDT7019L Datasheet HTML 3Page - Integrated Device Technology IDT7019L Datasheet HTML 4Page - Integrated Device Technology IDT7019L Datasheet HTML 5Page - Integrated Device Technology IDT7019L Datasheet HTML 6Page - Integrated Device Technology IDT7019L Datasheet HTML 7Page - Integrated Device Technology IDT7019L Datasheet HTML 8Page - Integrated Device Technology IDT7019L Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
IDT7019L
High-Speed 128K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Description
The IDT7019 is a high-speed 128K x 9 Dual-Port Static RAM. The
IDT7019 is designed to be used as a stand-alone 1152K-bit Dual-Port
RAMorasacombinationMASTER/SLAVEDual-PortRAMfor18-bit-or-
more word systems. Using the IDT MASTER/SLAVE Dual-Port RAM
approach in 18-bit or wider memory system applications results in full-
speed,error-freeoperationwithouttheneedforadditionaldiscretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent,asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
featurecontrolledbythechipenables(CE0andCE1)permittheon-chip
circuitry of each port to enter a very low standby power mode.
Fabricated using CMOS high-performance technology, these de-
vices typically operate on only1W of power.
TheIDT7019ispackagedina100-pinThinQuadFlatpack(TQFP).
NOTES:
1. All Vcc pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part marking.
Pin Configurations(1,2,3)
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 9897 9695 94 93 92 9190 8988 87 86 8584 83 82 81 80 79 78 77 76
IDT7019PF
PN100-1(4)
100-Pin TQFP
Top View(5)
NC
GND
GND
OER
R/
WR
SEMR
CE1R
CE0R
NC
NC
GND
A15R
A12R
A13R
A11R
A10R
A9R
A8R
A7R
NC
NC
A14R
NC
NC
4840 drw 02
NC
NC
GND
OEL
R/
WL
SEML
CE1L
CE0L
NC
NC
NC
Vcc
A15L
A14L
A13L
A8L
A7L
NC
NC
NC
A12L
A11L
A10L
A9L
A16L
A16R
11/19/01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com