Electronic Components Datasheet Search
  English  ▼

X  

IDT7019L Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT7019L
Description  HIGH-SPEED 128K x 9 DUAL-PORT STATIC RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7019L Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT7019L Datasheet HTML 9Page - Integrated Device Technology IDT7019L Datasheet HTML 10Page - Integrated Device Technology IDT7019L Datasheet HTML 11Page - Integrated Device Technology IDT7019L Datasheet HTML 12Page - Integrated Device Technology IDT7019L Datasheet HTML 13Page - Integrated Device Technology IDT7019L Datasheet HTML 14Page - Integrated Device Technology IDT7019L Datasheet HTML 15Page - Integrated Device Technology IDT7019L Datasheet HTML 16Page - Integrated Device Technology IDT7019L Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
6.42
IDT7019L
High-Speed 128K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
13
Waveform of Interrupt Timing(1,5)
Truth Table IV — Interrupt Flag(1,4,5)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either the left or right port. Port “B” is the port opposite from port “A”.
2. See Interrupt Truth Table.
3. Timing depends on which enable signal (CE or R/W) is asserted last.
4. Timing depends on which enable signal (CE or R/W) is de-asserted first.
5. Refer to Chip Enable Truth Table.
NOTES:
1. Assumes BUSYL = BUSYR =VIH.
2. If BUSYL = VIL, then no change.
3. If BUSYR = VIL, then no change.
4. INTL and INTR must be initialized at power-up.
5. Refer to Chip Enable Truth Table.
4840 drw 15
ADDR"A"
INTERRUPT SET ADDRESS
CE"A"
R/
W"A"
tAS
tWC
tWR
(3)
(4)
tINS
(3)
INT"B"
(2)
4840 drw 16
ADDR"B"
INTERRUPT CLEAR ADDRESS
CE"B"
OE"B"
tAS
tRC
(3)
tINR
(3)
INT"B"
(2)
Left Port
Right Port
Function
R/WL
CEL
OEL
A16L-A0L
INTL
R/WR
CER
OER
A16R-A0R
INTR
L
L
X
1FFFF
X
X
X
X
X
L(2)
Set Right INTR Flag
X
X
X
X
X
X
L
L
1FFFF
H(3)
Reset Right INTR Flag
XXX
X
L(3)
L
L
X
1FFFE
X
Set Left INTL Flag
X
L
L
1FFFE
H(2)
X
X
X
X
X
Reset Left INTL Flag
4840 tbl 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com