Electronic Components Datasheet Search
  English  ▼

X  

HY29F080 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HY29F080
Description  8 Megabit (1M x 8), 5 Volt-only, Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F080 Datasheet(HTML) 1 Page - Hynix Semiconductor

  HY29F080 Datasheet HTML 1Page - Hynix Semiconductor HY29F080 Datasheet HTML 2Page - Hynix Semiconductor HY29F080 Datasheet HTML 3Page - Hynix Semiconductor HY29F080 Datasheet HTML 4Page - Hynix Semiconductor HY29F080 Datasheet HTML 5Page - Hynix Semiconductor HY29F080 Datasheet HTML 6Page - Hynix Semiconductor HY29F080 Datasheet HTML 7Page - Hynix Semiconductor HY29F080 Datasheet HTML 8Page - Hynix Semiconductor HY29F080 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
HY29F080
8 Megabit (1M x 8), 5 Volt-only, Flash Memory
KEY FEATURES
n 5 Volt Read, Program, and Erase
– Minimizes system-level power
requirements
n High Performance
– Access times as fast as 70 ns
n Low Power Consumption
– 15 mA typical active read current
– 30 mA typical program/erase current
– 5 µA maximum CMOS standby current
n Compatible with JEDEC Standards
– Package, pinout and command-set
compatible with the single-supply Flash
device standard
– Provides superior inadvertent write
protection
n Sector Erase Architecture
– Sixteen equal size sectors of 64K bytes
each
– A command can erase any combination of
sectors
– Supports full chip erase
n Erase Suspend/Resume
– Temporarily suspends a sector erase
operation to allow data to be read from, or
programmed into, any sector not being
erased
n Sector Group Protection
– Sectors may be locked in groups of two to
prevent program or erase operations
within that sector group
n Temporary Sector Unprotect
– Allows changes in locked sectors
(requires high voltage on RESET# pin)
n Internal Erase Algorithm
– Automatically erases a sector, any
combination of sectors, or the entire chip
n Internal Programming Algorithm
– Automatically programs and verifies data
at a specified address
n Fast Program and Erase Times
– Byte programming time: 7 µs typical
– Sector erase time: 1.0 sec typical
– Chip erase time: 16 sec typical
n Data# Polling and Toggle Status Bits
– Provide software confirmation of
completion of program or erase
operations
n Ready/Busy# Pin
– Provides hardware confirmation of
completion of program and erase
operations
n Minimum 100,000 Program/Erase Cycles
n Space Efficient Packaging
– Available in industry-standard 40-pin
TSOP and 44-pin PSOP packages
Revision 6.1, May 2001
GENERAL DESCRIPTION
The HY29F080 is an 8 Megabit, 5 volt-only CMOS
Flash memory organized as 1,048,576 (1M) bytes
of eight-bits each. The device is offered in indus-
try-standard 44-pin PSOP and 40-pin TSOP pack-
ages.
The HY29F080 can be programmed and erased
in-system with a single 5-volt V
CC supply. Inter-
nally generated and regulated voltages are pro-
vided for program and erase operations, so that
the device does not require a high voltage power
supply to perform those functions. The device can
also be programmed in standard EPROM pro-
grammers. Access times as fast as 70ns over the
full operating voltage range of 5.0 volts ± 10% are
offered for timing compatibility with the zero wait
state requirements of high speed microprocessors.
A[19:0]
20
CE#
OE#
WE#
8
DQ[7:0]
RESET#
RY/BY#
LOGIC DIAGRAM


Similar Part No. - HY29F080

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-45 HYNIX-HY29F002TC-45 Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-55 HYNIX-HY29F002TC-55 Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-70 HYNIX-HY29F002TC-70 Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
HY29F002TC-90 HYNIX-HY29F002TC-90 Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
More results

Similar Description - HY29F080

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
8-Megabit 1M x 8 3-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
1-megabit (128K x 8) 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com