Electronic Components Datasheet Search
  English  ▼

X  

HY29F080 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY29F080
Description  8 Megabit (1M x 8), 5 Volt-only, Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F080 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY29F080 Datasheet HTML 6Page - Hynix Semiconductor HY29F080 Datasheet HTML 7Page - Hynix Semiconductor HY29F080 Datasheet HTML 8Page - Hynix Semiconductor HY29F080 Datasheet HTML 9Page - Hynix Semiconductor HY29F080 Datasheet HTML 10Page - Hynix Semiconductor HY29F080 Datasheet HTML 11Page - Hynix Semiconductor HY29F080 Datasheet HTML 12Page - Hynix Semiconductor HY29F080 Datasheet HTML 13Page - Hynix Semiconductor HY29F080 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
Rev. 6.1/May 01
HY29F080
DEVICE COMMANDS
Device operations are initiated by writing desig-
nated address and data command sequences into
the device. A command sequence is composed
of one, two or three of the following sub-segments:
an unlock cycle, a command cycle and a data
cycle. Table 4 summarizes the composition of the
valid command sequences implemented in the
HY29F080, and these sequences are fully de-
scribed in Table 5 and in the sections that follow.
Writing incorrect address and data values or writ-
ing them in the improper sequence resets the
HY29F080 to the Read mode.
Table 4. Composition of Command Sequences
Notes:
1. Any number of Flash array read cycles are permitted.
2. Additional data cycles may follow. See text.
3. Any number of Electronic ID read cycles are permitted.
Read/Reset 1, 2 Commands
The HY29F080 automatically enters the Read
mode after device power-up, after the RESET#
input is asserted and upon the completion of cer-
tain commands. Read/Reset commands are not
required to retrieve data in these cases.
A Read/Reset command must be issued in order
to read array data in the following cases:
n If the device is in the Electronic ID mode, a
Read/ Reset command must be written to re-
turn to the Read mode. If the device was in the
Erase Suspend mode when the device entered
the Electronic ID mode, writing the Read/Re-
set command returns the device to the Erase
Suspend mode.
Note: When in the Electronic ID bus operation mode,
the device returns to the Read mode when V
ID is re-
moved from the A[9] pin. The Read/Reset command is
not required in this case.
n If DQ[5] (Exceeded Time Limit) goes High dur-
ing a program or erase operation, writing the
reset command returns the sectors to the Read
mode (or to the Erase Suspend mode if the
device was in Erase Suspend).
The Read/Reset command may also be used to
abort certain command sequences:
n In a Sector Erase or Chip Erase command se-
quence, the Read/Reset command may be
written at any time before erasing actually be-
gins, including, for the Sector Erase command,
between the cycles that specify the sectors to
be erased (see Sector Erase command de-
scription). This aborts the command and re-
sets the device to the Read mode. Once era-
sure begins, however, the device ignores Read/
Reset commands until the operation is com-
plete.
n In a Program command sequence, the Read/
Reset command may be written between the
sequence cycles before programming actually
begins. This aborts the command and resets
the device to the Read mode, or to the Erase
Suspend mode if the Program command se-
quence is written while the device is in the
Erase Suspend mode. Once programming
begins, however, the device ignores Read/Re-
set commands until the operation is complete.
n The Read/Reset command may be written be-
tween the cycles in an Electronic ID command
sequence to abort that command. As described
above, once in the Electronic ID mode, the
Read/ Reset command must be written to re-
turn to the Read mode.
Byte Program Command
The host processor programs the device a byte at
a time by issuing the Program command sequence
shown in Table 5. The sequence begins by writ-
ing two unlock cycles, followed by the Program
setup command and, lastly, a data cycle specify-
ing the program address and data. This initiates
the Automatic Programming algorithm, which pro-
vides internally generated program pulses and
d
n
a
m
m
o
C
e
c
n
e
u
q
e
S
s
e
l
c
y
C
s
u
B
f
o
r
e
b
m
u
N
k
c
o
l
n
U
d
n
a
m
m
o
C
a
t
a
D
1
t
e
s
e
R
/
d
a
e
R0
1
1
e
t
o
N
2
t
e
s
e
R
/
d
a
e
R2
1
1
e
t
o
N
m
a
r
g
o
r
P
e
t
y
B2
1
1
e
s
a
r
E
p
i
h
C4
1
1
e
s
a
r
E
r
o
t
c
e
S4
1
)
2
e
t
o
N
(
1
d
n
e
p
s
u
S
e
s
a
r
E0
1
0
e
m
u
s
e
R
e
s
a
r
E0
1
0
D
I
c
i
n
o
r
t
c
e
l
E2
1
3
e
t
o
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com