Electronic Components Datasheet Search
  English  ▼

X  

IAM81008 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # IAM81008
Description  Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IAM81008 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  IAM81008 Datasheet HTML 1Page - Agilent(Hewlett-Packard) IAM81008 Datasheet HTML 2Page - Agilent(Hewlett-Packard) IAM81008 Datasheet HTML 3Page - Agilent(Hewlett-Packard) IAM81008 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7-120
IAM-81008 Absolute Maximum Ratings
Parameter
Absolute Maximum[1]
Device Voltage
10 V
Power Dissipation2,3
300 mW
RF Input Power
+14dBm
LO Input Power
+14dBm
Junction Temperature
150
°C
Storage Temperature
–65 to 150
°C
Thermal Resistance:
θ
jc = 80°C/W
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. TCASE = 25°C.
3. Derate at 4.4 mW/
°C for T
C > 82°C.
IAM-81008 Part Number Ordering Information
Part Number
Devices Per Reel
Reel Size
IAM-81008-TR1
1000
7"
For more information, see “Tape and Reel Packaging for Semmiconductor Devices”.
IAM-81008 Electrical Specifications[1], T
A = 25°C
Symbol
Parameters and Test Conditions: V
cc = 5 V, ZO = 50 Ω, LO =–5 dBm, RF = –20 dBm
Units
Min.
Typ.
Max.
GC
Conversion Gain
RF = 2 GHz, LO = 1.75 GHz
dB
6.0
8.5
10
F3 dBRF
RF Bandwidth (GC 3 dB Down)
IF = 250 MHz
GHz
3.5
F3 dB IF
IF Bandwidth (GC 3 dB Down)
LO = 2 GHz
GHz
0.6
P1 dB
IF Output Power at 1 dB Gain Compression
RF = 2 GHz, LO = 1.75 GHz
dBm
–6
IP3
IF Output Third Order Intercept Point
RF = 2 GHz, LO = 1.75 GHz
dBm
3
NF
SSB Noise Figure
RF = 2 GHz, LO = 1.75 GHz
dB
17
RF Port VSWR
f = 0.05 to 3.5 GHz
1.5:1
VSWR
LO Port VSWR
f = 0.05 to 3.5 GHz
2.0:1
IF Port VSWR
f < 1 GHz
1.5:1
RFif
RF Feedthrough at IF Port
RF = 2 GHz, LO = 1.75 GHz
dBc
–25
LOif
LO Leakage at IF Port
LO = 1.75 GHz
dBm
–25
LOrf
LO Leakage at RF Port
LO = 1.75 GHz
dBm
–30
ICC
Supply Current
mA
10
13
16
Note:
1. The recommended operating voltage range for this device is 4 to 8 V. Typical performance as a function of voltage is on
the following page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com